công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

640468 bảng dữ liệu(PDF) 25 Page - TE Connectivity Ltd

tên linh kiện 640468
Giải thích chi tiết về linh kiện  MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TEC [TE Connectivity Ltd]
Trang chủ  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

640468 bảng dữ liệu(HTML) 25 Page - TE Connectivity Ltd

Back Button 640468 Datasheet HTML 21Page - TE Connectivity Ltd 640468 Datasheet HTML 22Page - TE Connectivity Ltd 640468 Datasheet HTML 23Page - TE Connectivity Ltd 640468 Datasheet HTML 24Page - TE Connectivity Ltd 640468 Datasheet HTML 25Page - TE Connectivity Ltd 640468 Datasheet HTML 26Page - TE Connectivity Ltd 640468 Datasheet HTML 27Page - TE Connectivity Ltd 640468 Datasheet HTML 28Page - TE Connectivity Ltd 640468 Datasheet HTML 29Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 84 page
background image
25
Page_Head (Continued)
Material and Finish
Housing — UL94V-0 rated, thermo-
plastic, black
Posts — Copper alloy, tin plated,
.000030 [0.00076] or .000015
[0.00038] gold over nickel
Notes:
1. Post(s) can be omitted for keying
purposes. Specify the desired
post(s) to be omitted using the
figure to identify Post No. 1.
2. Gold headers are duplex plated,
gold on mating end of post and
tin on the solder tail.
3. To determine header overall
length (dim. A) multiply .100 x the
number of posts. Example: .100
x 10 posts equals 1.000 inch
[25.4 mm].
For mateability options, see
matrix on pages 12 and 13.
For mating half visuals, see
pages 14, 15 and 31.
Header Ordering
Information
The “Base Part Numbers”
Chart at right shows the base
part number.
Prefixes and suffixes are deter-
mined by the number of post
positions in the header. For
example, the complete part
number for a 10-position header
with straight posts would be:
Base number 647609 plus
prefix-and-suffix
4- — -0
The correct ordering number is
4-647609-0
All part numbers are the RoHS
equivalent version. Example:
No. of
Standard
Lead Free
Pos.
Prefix/Suffix
RoHS
Prefix/Suffix
2
647609-2
3-647609-2
3
647609-3
3-647609-3
4
647609-4
3-647609-4
5
647609-5
3-647609-5
6
647609-6
3-647609-6
7
647609-7
3-647609-7
8
647609-8
3-647609-8
9
647609-9
3-647609-9
10
1-647609-0
4-647609-0
11
1-647609-1
4-647609-1
12
1-647609-2
4-647609-2
Note: All RoHS equivalent part num-
bers may not be available upon cat-
alog release. If the number you
need is not available, please contact
Product Engineering to expedite
your request.
Friction Lock
Polarized
Recommended Mounting Hole Pattern
for .062 [1.57] Thk. PC Board
.070
[1.78]
Min.
Ø .052
± .002
[1.32
± 0.05]
.100
[2.54]
.090
[2.29]
Ø .040
± .003
[1.02
± 0.07 ]
Typ.
.025
± .001
[0.64
± 0.03]
Square Typ.
.113
[2.87]
A
.250
[6.35]
.025-.040
[0.64-1.01]
.070
[1.78]
.135
[3.43]
.290
± .010
[7.37
± 0.25]
.347
± .010
[8.81
± 0.25] .550 ± .010
[13.97
± 0.25]
.125
[3.18]
.050
[1.27]
.100
[2.54]
Typ.
Post No. 1
.025
± .001
[0.64
± 0.03]
Square Typ.
.113
[2.87]
A
.250
[6.35]
.055
[1.39]
.055
[1.40]
.070
[1.78]
.135
[3.43]
.290
± .010
[7.37
± 0.25]
.347
± .010
[8.81
± 0.25] .550 ± .010
[13.97
± 0.25]
.125
[3.18]
.050
[1.27]
Typ.
.100
[2.54]
Post No. 1
Min.
Note: Consult Product Drawing
for details on placing headers
onto PC boards.
Base Part Numbers
Friction Lock
Polarized
Header
RoHS
Header
RoHS
Part Nos.
Equiv.
Part Nos.
Equiv.
Standard UL94V-0, Tin Plated
647609
32-42
647623
32-42
Standard UL94V-0, .000030 [0.00076] Gold Plated
647626
32-42
647624
32-42
Standard UL94V-0, .000015 [0.00038] Gold Plated
647627
32-42
647625
32-42
Note:
Select load headers (omitted pin
headers) are available upon request.
Please contact product engineer or
product manager for details.
MTA-100 Headers with Retention Peg—Straight
MTA, CST-100 II, SL-156 and
AMP Economy Power (EP) Connectors
Catalog 82056
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 6-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 57-1-254-4444
UK: 44-208-420-8341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com