công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADC34RF72 bảng dữ liệu(PDF) 65 Page - Texas Instruments

tên linh kiện ADC34RF72
Giải thích chi tiết về linh kiện  ADC34RF72 Quad Channel 16-bit 1.5GSPS RF Sampling Data Converter
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

ADC34RF72 bảng dữ liệu(HTML) 65 Page - Texas Instruments

Back Button ADC34RF72 Datasheet HTML 61Page - Texas Instruments ADC34RF72 Datasheet HTML 62Page - Texas Instruments ADC34RF72 Datasheet HTML 63Page - Texas Instruments ADC34RF72 Datasheet HTML 64Page - Texas Instruments ADC34RF72 Datasheet HTML 65Page - Texas Instruments ADC34RF72 Datasheet HTML 66Page - Texas Instruments ADC34RF72 Datasheet HTML 67Page - Texas Instruments ADC34RF72 Datasheet HTML 68Page - Texas Instruments ADC34RF72 Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 73 page
background image
8.6 Layout
8.6.1 Layout Guidelines
There are several critical signals which require specific care during board design:
1. Analog input and clock signals
• Traces should be as short as possible and vias should be avoided where possible to minimize impedance
discontinuities.
• Traces should be routed using loosely coupled 100Ω differential traces.
• Differential trace lengths should be matched as close as possible to minimize phase imbalance and HD2
degradation.
2. Digital JESD204B/C output interface
• Traces should be routed using tightly coupled 100Ω differential traces.
3. Power and ground connections
• Provide low resistance connection paths to all power and ground pins.
• Use power and ground planes instead of traces.
• Avoid narrow, isolated paths which increase the connection resistance.
• Use a signal/ground/power circuit board stackup to maximize coupling between the ground and power
plane.
8.6.2 Layout Example
The following screen shots show the top and bottom layer of the ADC34RF7x EVM.
• The input signal traces are routed as differential, tightly coupled traces on the top layer of the EVM. Care is
taken to maintain symmetry between positive and negative input with matched trace length to minimize phase
imbalance. Similar for the sampling clock input.
• JESD204B/C output interface lanes are routed differential and length matched on the top layer.
• Bypass caps are close to the power pins on the bottom layer.
4 analog inputs on top layer
Tightly coupled traces
Figure 8-13. Top Layer
www.ti.com
ADC34RF72
SBASAL0 – AUGUST 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
65
Product Folder Links: ADC34RF72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com