công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADC34RF72 bảng dữ liệu(PDF) 39 Page - Texas Instruments

tên linh kiện ADC34RF72
Giải thích chi tiết về linh kiện  ADC34RF72 Quad Channel 16-bit 1.5GSPS RF Sampling Data Converter
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

ADC34RF72 bảng dữ liệu(HTML) 39 Page - Texas Instruments

Back Button ADC34RF72 Datasheet HTML 35Page - Texas Instruments ADC34RF72 Datasheet HTML 36Page - Texas Instruments ADC34RF72 Datasheet HTML 37Page - Texas Instruments ADC34RF72 Datasheet HTML 38Page - Texas Instruments ADC34RF72 Datasheet HTML 39Page - Texas Instruments ADC34RF72 Datasheet HTML 40Page - Texas Instruments ADC34RF72 Datasheet HTML 41Page - Texas Instruments ADC34RF72 Datasheet HTML 42Page - Texas Instruments ADC34RF72 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 73 page
background image
7.3.4.5.4 Numerically Controlled Oscillator (NCO)
Each digital down-converter (DDC) uses a 48-bit numerically controlled oscillator (NCO) to fine tune the
frequency placement prior to the digital filtering as shown in Figure 7-30. The NCO frequency range is -FS/2
to FS/2 and is dictated by a frequency control word (FCW) and phase offset.
There are two different NCO frequencies for each DDC. The desired NCO frequency is programmed via SPI and
can be selected using SPI or the GPIO pins. When using the GPIO pins for NCO frequency control, frequency
hopping can be achieved in less than 1µs.
NCO1[7:0]
nco1_fcw[7:0]
nco1_phase[7:0]
nco_hop_mode[7:0]
NCO0[7:0]
nco_update[7:0]
nco0_fcw[7:0]
nco0_phase[7:0]
e
±j n
gpio_nco_sel[7:0]
sw_nco_sel[7:0]
mixer_nco_sel[7:0]
nco_hop_src_sel[7:0]
nco_reset[7:0]
Figure 7-30. NCO block diagram with all control signals
Infinite Phase Coherent NCO: With a phase coherent NCO, all frequencies are synchronized to a single event
using SYSREF. This enables an infinite amount of frequency hops without the need to reset the NCO as phase
coherency is maintained between frequency hops. This is illustrated in Figure 7-31 (right). When returning to the
original frequency f1, the NCO phase appears as if the NCO had never changed frequencies.
f1
f2
f1
Figure 7-31. Infinite Phase Coherent NCO Frequency Switching
www.ti.com
ADC34RF72
SBASAL0 – AUGUST 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: ADC34RF72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com