công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADC34RF72 bảng dữ liệu(PDF) 20 Page - Texas Instruments

tên linh kiện ADC34RF72
Giải thích chi tiết về linh kiện  ADC34RF72 Quad Channel 16-bit 1.5GSPS RF Sampling Data Converter
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

ADC34RF72 bảng dữ liệu(HTML) 20 Page - Texas Instruments

Back Button ADC34RF72 Datasheet HTML 16Page - Texas Instruments ADC34RF72 Datasheet HTML 17Page - Texas Instruments ADC34RF72 Datasheet HTML 18Page - Texas Instruments ADC34RF72 Datasheet HTML 19Page - Texas Instruments ADC34RF72 Datasheet HTML 20Page - Texas Instruments ADC34RF72 Datasheet HTML 21Page - Texas Instruments ADC34RF72 Datasheet HTML 22Page - Texas Instruments ADC34RF72 Datasheet HTML 23Page - Texas Instruments ADC34RF72 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 73 page
background image
7.3 Feature Description
7.3.1 Analog Inputs
The analog inputs of the ADC34RF72 have internal buffers which isolate the sampling capacitor from the
external input circuitry. The analog inputs have a programmable, differential split termination with internal biasing
as shown in Figure 7-1. The differential termination can be selected to differential 50Ω, 100Ω or 200Ω via SPI
register write. Both AC-coupling and DC-coupling of the analog inputs is supported.
INxP/N
ADC
VCM
25/50/100
Ω
25/50/100
Ω
Figure 7-1. Analog input (internal) circuitry
The following parameters can be programmed:
Table 7-1. Input Termination Programming
System Parameter Name
Size
(bits)
Default
Reset
Description
ADC{x}_INPUT_TERM_SEL
2
0
R/W
Select ADC{x} input termination setting (x = {0,1,2,3})
0: 50Ω differential
1: 100Ω differential
2: 200Ω differential
7.3.1.1 Input Bandwidth
The input bandwidth (-3dB) with internal 50Ω, 100Ω and 200Ω differential termination is shown in Figure 7-2
along with the S11 responses (Figure 7-2). With 100Ω termination the input bandwidth is approximately 1.8GHz
(-3dB). Figure 7-4 shows the frequency response with 100Ω termination using the external matching network
shown in Figure 7-5.
Input Frequency (MHz)
100
1000
4000
4000
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
2
50ohm
100ohm
200ohm
Figure 7-2. Input Bandwidth Plot (6dB pad)
Frequency (GHz)
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3
-35
-30
-25
-20
-15
-10
-5
0
50ohm
100ohm
200ohm
Figure 7-3. S11 vs Frequency (each normalized to
input termination)
ADC34RF72
SBASAL0 – AUGUST 2025
www.ti.com
20
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: ADC34RF72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com