công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DLPR410 bảng dữ liệu(PDF) 6 Page - Texas Instruments

tên linh kiện DLPR410
Giải thích chi tiết về linh kiện  DLP650LNIR 0.65 NIR WXGA S450 DMD
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

DLPR410 bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button DLPR410 Datasheet HTML 2Page - Texas Instruments DLPR410 Datasheet HTML 3Page - Texas Instruments DLPR410 Datasheet HTML 4Page - Texas Instruments DLPR410 Datasheet HTML 5Page - Texas Instruments DLPR410 Datasheet HTML 6Page - Texas Instruments DLPR410 Datasheet HTML 7Page - Texas Instruments DLPR410 Datasheet HTML 8Page - Texas Instruments DLPR410 Datasheet HTML 9Page - Texas Instruments DLPR410 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 53 page
background image
6
DLP650LNIR
DLPS136 – NOVEMBER 2018
www.ti.com
Product Folder Links: DLP650LNIR
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Pin Functions (continued)
PIN
NET LENGTH
(mils)
SIGNAL
TYPE(1)
DESCRIPTION
NAME
NO.
(3)
VSS must be connected for proper DMD operation.
VSS (Ground)
(3)
A6, A11,
A13,
A15,
A17, B4,
B5, B8,
B14,
B15,
B17, C2,
C18,
C19, F1,
F2, F19,
H1, H2,
H3, H18,
J18, K1,
K2, L19,
N2, P18,
P19, R4,
R9, R14,
R15, T7,
T13,
T15, T17
P
Common Return for all power.
RESERVED SIGNALS
RESERVED_FC
R7
40.64
I
Connect to GND on the DLP system board.
Bond Pad connects to an internal pull–down
circuit.
RESERVED_FD
R8
94.37
I
Connect to GND on the DLP system board.
Bond Pad connects to an internal pull–down
circuit.
RESERVED_PFE
T8
50.74
I
Connect to ground on the DLP system
board. Bond Pad connects to an internal
pull-down circuit.
RESERVED_STM
B6
I
Connect to GND on the DLP system board.
Bond Pad connects to an internal pull–down
circuit.
RESERVED_TP0
R10
93.3
I
Do not connect on the DLP system board.
RESERVED_TP1
T11
263.74
I
Do not connect on the DLP system board.
RESERVED_TP2
R11
281.47
I
Do not connect on the DLP system board.
RESERVED_BA
T10
148.85
O
Do not connect on the DLP system board.
RESERVED_BB
A10
105.28
O
Do not connect on the DLP system board.
RESERVED_RA1
T9
O
Do not connect on the DLP system board.
RESERVED_RB1
A7
O
Do not connect on the DLP system board.
RESERVED_TS
B10
145.42
O
Do not connect on the DLP system board.
RESERVED_A(0)
T2
NC
Do not connect on the DLP system board.
RESERVED_A(1)
T3
RESERVED_A(2)
R3
RESERVED_A(3)
T4
RESERVED_M(0)
R2
NC
Do not connect on the DLP system board.
RESERVED_M(1)
P1
NC
Do not connect on the DLP system board.
RESERVED_S(0)
T1
NC
Do not connect on the DLP system board.
RESERVED_S(1)
R1
NC
Do not connect on the DLP system board.
RESERVED_IRQZ
T6
NC
Do not connect on the DLP system board.
RESERVED_OEZ
R5
NC
Do not connect on the DLP system board.
RESERVED_RSTZ
R6
NC
Do not connect on the DLP system board.
RESERVED_STR
T5
NC
Do not connect on the DLP system board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com