công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DLPR410 bảng dữ liệu(PDF) 5 Page - Texas Instruments

tên linh kiện DLPR410
Giải thích chi tiết về linh kiện  DLP650LNIR 0.65 NIR WXGA S450 DMD
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

DLPR410 bảng dữ liệu(HTML) 5 Page - Texas Instruments

  DLPR410 Datasheet HTML 1Page - Texas Instruments DLPR410 Datasheet HTML 2Page - Texas Instruments DLPR410 Datasheet HTML 3Page - Texas Instruments DLPR410 Datasheet HTML 4Page - Texas Instruments DLPR410 Datasheet HTML 5Page - Texas Instruments DLPR410 Datasheet HTML 6Page - Texas Instruments DLPR410 Datasheet HTML 7Page - Texas Instruments DLPR410 Datasheet HTML 8Page - Texas Instruments DLPR410 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 53 page
background image
5
DLP650LNIR
www.ti.com
DLPS136 – NOVEMBER 2018
Product Folder Links: DLP650LNIR
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Pin Functions (continued)
PIN
NET LENGTH
(mils)
SIGNAL
TYPE(1)
DESCRIPTION
NAME
NO.
(2)
Power supply pins required for all DMD operating modes are VSS, VCC, VCCI, VCC2.
MICROMIRROR BIAS RESET INPUTS
MBRST(0)
C3
507.20
I
Non–logic compatible Micromirror Bias
Reset signals. Connected directly to the
array of pixel micromirrors. Used to hold or
release the micromirrors. Bond Pads
connect to an internal pull–down resistor.
MBRST(1)
D2
576.83
MBRST(2)
D3
545.78
MBRST(3)
E2
636.33
MBRST(4)
G3
618.42
MBRST(5)
E1
738.25
MBRST(6)
G2
718.82
MBRST(7)
G1
777.04
MBRST(8)
N3
543.29
MBRST(9)
M2
612.93
MBRST(10)
M3
580.97
MBRST(11)
L2
672.43
MBRST(12)
J3
653.61
MBRST(13)
L1
764.00
MBRST(14)
J2
764.37
MBRST(15)
J1
813.14
SCP CONTROL
SCPCLK
A8
I
Serial Communications Port Clock. Bond
Pad connects to an internal pulldown circuit.
SCPDI
A5
I
Serial Communications Port Data. Bond Pad
connects to an internal pulldown circuit.
SCPENZ
B7
I
Active low serial communications port
enable. Bond pad connects to an internal
pulldown circuit.
SCPDO
A9
O
Serial communications port output.
OTHER SIGNALS
EVCC
A3
P
Do Not Connect on the DLP system board.
MODE_A
A4
415.1
I
Data Bus Width Select. Bond Pad connects
to an internal pull–down circuit, but for this
DMD the PCB also ties this signal to GND.
PWRDNZ
B9
110.38
I
Active Low Device Reset. Bond Pad
connects to an internal pull–down circuit.
POWER
VCC
(2)
B11,
B12,
B13,
B16,
R12,
R13,
R16, R17
P
Power supply for low voltage CMOS logic.
Power supply for normal high voltage at
micromirror address electrodes.
VCCI
(2)
A12,
A14,
A16,
T12,
T14, T16
P
Power supply for low voltage CMOS LVDS
interface.
VCC2
(2)
C1, D1,
M1, N1
P
Power supply for high voltage CMOS logic.
Power supply for stepped high voltage at
micromirror address electrodes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com