| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TAS3103ADBT bảng dữ liệu(PDF) 140 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TAS3103ADBT bảng dữ liệu(HTML) 140 Page - Texas Instruments |
|
140 / 154 page ![]() SUBADDRESS (0xSS) INITIALIZATION VALUE CONTENTS (u Indicates Unused Bits) NUMBER OF 4-BYTE WORDS REGISTER NAME 0x71 CH3 biquad 11 5 u(31:28)a1(27:24), a1(23:16), a1(15:8), a1(7:0) 0x00, 0x00, 0x00, 0x00 u(31:28)a2(27:24), a2(23:16), a2(15:8), a2(7:0) 0x00, 0x00, 0x00, 0x00 u(31:28)b0(27:24), b0 (23:16), b0(15:8), b0(7:0) 0x00, 0x80, 0x00, 0x00 u(31:28)b1(27:24), b1(23:16), b1(15:8), b1(7:0) 0x00, 0x00, 0x00, 0x00 u(31:28)b2(27:24), b2(23:16), b2(15:8), b2(7:0) 0x00, 0x00, 0x00, 0x00 0x72 CH3 biquad 12 5 u(31:28)a1(27:24), a1(23:16), a1(15:8), a1(7:0) 0x00, 0x00, 0x00, 0x00 u(31:28)a2(27:24), a2(23:16), a2(15:8), a2(7:0) 0x00, 0x00, 0x00, 0x00 u(31:28)b0(27:24), b0 (23:16), b0(15:8), b0(7:0) 0x00, 0x80, 0x00, 0x00 u(31:28)b1(27:24), b1(23:16), b1(15:8), b1(7:0) 0x00, 0x00, 0x00, 0x00 u(31:28)b2(27:24), b2(23:16), b2(15:8), b2(7:0) 0x00, 0x00, 0x00, 0x00 0x73 Bass and treble bypass 1 2 u(31:28)BTby1(27:24), BTby1(23:16), BTby1(15:8), BTby1(7:0) 0x00, 0x80, 0x00, 0x00 Bass and treble inline 1 u(31:28)BT1(27:24), BT1(23:16), BT1(15:8), BT1(7:0) 0x00, 0x00, 0x00, 0x00 0x74 Bass and treble bypass 2 2 u(31:28)BTby2(27:24), BTby2(23:16), BTby2(15:8), BTby2(7:0) 0x00, 0x80, 0x00, 0x00 Bass and treble inline 2 u(31:28)BT2(27:24), BT2(23:16), BT2(15:8), BT2(7:0) 0x00, 0x00, 0x00, 0x00 0x75 Bass and treble bypass 3 2 u(31:28)BTby3(27:24), BTby3(23:16), BTby3(15:8), BTby3(7:0) 0x00, 0x80, 0x00, 0x00 Bass and treble inline 3 u(31:28)BT3(27:24), BT3(23:16), BT3(15:8), BT3(7:0) 0x00, 0x00, 0x00, 0x00 0x76 Mix u to i 1 u(31:28)u_i(27:24), u_i(23:16), u_i(15:8), u_i(7:0) 0x00, 0x00, 0x00, 0x00 0x77 Mix v to k 1 u(31:28)v_k(27:24), v_k(23:16), v_k(15:8), v_k(7:0) 0x00, 0x00, 0x00, 0x00 0x78 Mix w to m 1 u(31:28)w_m(27:24), w_m(23:16), w_m(15:8), w_m(7:0) 0x00, 0x00, 0x00, 0x00 0x79 Mix j to i 1 u(31:28)j_i(27:24), j_i(23:16), j_i(15:8), j_i(7:0) 0x00, 0x00, 0x00, 0x00 0x7A Mix l to k 1 u(31:28)l_k(27:24), l_k(23:16), l_k(15:8), l_k(7:0) 0x00, 0x00, 0x00, 0x00 0x7B Mix n to m 1 u(31:28)n_m(27:24), n_m(23:16), n_m(15:8), n_m(7:0) 0x00, 0x00, 0x00, 0x00 0x7C Mix j to o via DRC mult 2 u(31:28)j_o(27:24), j_o(23:16), j_o(15:8), j_o(7:0) 0x00, 0x00, 0x00, 0x00 DRC bypass 1 u(31:28)DRCby1(27:24), DRCby1(23:16), DRCby1(15:8), DRCby1(7:0) 0x00, 0x80, 0x00, 0x00 0x7D Mix l to p via DRC mult 2 u(31:28)l_p(27:24), l_p(23:16), l_p(15:8), l_p(7:0) 0x00, 0x00, 0x00, 0x00 DRC bypass 2 u(31:28)DRCby2(27:24), DRCby2(23:16), DRCby2(15:8), DRCby2(7:0) 0x00, 0x80, 0x00, 0x00 0x7E Mix n to q via DRC mult 2 u(31:28)n_q(27:24), n_q(23:16), n_q(15:8), n_q(7:0) 0x00, 0x00, 0x00, 0x00 DRC bypass 3 u(31:28)DRCby3(27:24), DRCby3(23:16), DRCby3(15:8), DRCby3(7:0) 0x00, 0x80, 0x00, 0x00 0x7F Mix dither1 to o 1 u(31:28)Dth1_o(27:24), Dth1_o(23:16), Dth1_o(15:8), Dth1_o(7:0) 0x00, 0x00, 0x00, 0x00 0x80 Mix dither2 to p 1 u(31:28)Dth2_p(27:24), Dth2_p(23:16), Dth2_p(15:8), Dth2_p(7:0) 0x00, 0x00, 0x00, 0x00 0x81 Mix dither3 to q 1 u(31:28)Dth3_q(27:24), Dth3_q(23:16), Dth3_q(15:8), Dth3_q(7:0) 0x00, 0x00, 0x00, 0x00 0x82 Mix delay3 to o 1 u(31:28)Dth3_o(27:24), Dth3_o(23:16), Dth3_o(15:8), Dth3_o(7:0) 0x00, 0x00, 0x00, 0x00 0x83 Mix delay3 to p 1 u(31:28)Dth3_p(27:24), Dth3_p(23:16), Dth3_p(15:8), Dth3_p(7:0) 0x00, 0x00, 0x00, 0x00 0x84 Mix o to r 1 u(31:28)o_r(27:24), o_r(23:16), o_r(15:8), o_r(7:0) 0x00, 0x40, 0x00, 0x00 0x85 Mix o to s 1 u(31:28)o_s(27:24), o_s(23:16), o_s(15:8), o_s(7:0) 0x00, 0x00, 0x00, 0x00 0x86 Mix p to r 1 u(31:28)p_r(27:24), p_r(23:16), p_r(15:8), p_r(7:0) 0x00, 0x40, 0x00, 0x00 |