công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TCA8418EYFPR.B bảng dữ liệu(PDF) 6 Page - Texas Instruments

tên linh kiện TCA8418EYFPR.B
Giải thích chi tiết về linh kiện  TCA8418E I2C Controlled Keypad Scan IC With Integrated ESD Protection
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

TCA8418EYFPR.B bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button TCA8418EYFPR.B Datasheet HTML 2Page - Texas Instruments TCA8418EYFPR.B Datasheet HTML 3Page - Texas Instruments TCA8418EYFPR.B Datasheet HTML 4Page - Texas Instruments TCA8418EYFPR.B Datasheet HTML 5Page - Texas Instruments TCA8418EYFPR.B Datasheet HTML 6Page - Texas Instruments TCA8418EYFPR.B Datasheet HTML 7Page - Texas Instruments TCA8418EYFPR.B Datasheet HTML 8Page - Texas Instruments TCA8418EYFPR.B Datasheet HTML 9Page - Texas Instruments TCA8418EYFPR.B Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 51 page
background image
TCA8418E
SCPS222C – MAY 2010 – REVISED OCTOBER 2015
www.ti.com
Electrical Characteristics (continued)
over recommended operating free-air temperature range, VCC = 1.65 V to 3.6 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
Oscillator
13
OFF
fSCL = 0 kHz
1.65 V to 3.6 V
Oscillator
18
ON
1.65 V
15
fSCL = 400 kHz
3.6 V
30
VI on SDA,
1 key press
1.65 V
15
ROW0–7,
ICC
fSCL = 1 MHz
COL0–9 = VCC or
3.6 V
40
Supply
μA
GND,
Voltage
fSCL = 400 kHz
GPI low
115
IO = 0, I/O =
(pullup
inputs,
fSCL = 1 MHz
125
enable)(1)
fSCL = 400 kHz
GPI low
25
1.65 V to 3.6 V
(pullup
fSCL = 1 MHz
35
disable)
fSCL = 400 kHz
115
1 GPO
active
fSCL = 1 MHz
125
CI
SCL
VI = VCC or GND
1.65 V to 3.6 V
6
8
pF
SDA
10
12.5
Cio
VIO = VCC or GND
1.65 V to 3.6 V
pF
ROW0–7, COL0–9
5
6
(1)
Assumes that one GPIO is enabled.
6.6 I
2C Interface Timing Requirements
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 16)
STANDARD MODE
FAST MODE
FAST MODE PLUS (FM+)
I2C BUS
I2C BUS
I2C BUS
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
fscl
I2C clock frequency
0
100
0
400
0
1000
kHz
tsch
I2C clock high time
4
0.6
0.26
μs
tscl
I2C clock low time
4.7
1.3
0.5
μs
tsp
I2C spike time
50
50
50
ns
tsds
I2C serial data setup time
250
100
50
ns
tsdh
I2C serial data hold time
0
0
0
ns
ticr
I2C input rise time
1000 20 + 0.1Cb
(1)
300
120
ns
ticf
I2C input fall time
300
20 + 0.1Cb
(1)
300
120
ns
tocf
I2C output fall time; 10 pF to 400 pF bus
300 20 + 0.1Cb
(1)
300
120
μs
I2C bus free time between Stop and
tbuf
4.7
1.3
0.5
μs
Start
I2C Start or repeater Start condition
tsts
4.7
0.6
0.26
μs
setup time
I2C Start or repeater Start condition hold
tsth
4
0.6
0.26
μs
time
tsps
I2C Stop condition setup time
4
0.6
0.26
μs
Valid data time; SCL low to SDA output
tvd(data)
1
0.9
0.45
μs
valid
Valid data time of ACK condition; ACK
tvd(ack)
1
0.9
0.45
μs
signal from SCL low to SDA (out) low
(1)
Cb = total capacitance of one bus line in pF
6
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: TCA8418E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com