công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TCA8418EYFPR.B bảng dữ liệu(PDF) 32 Page - Texas Instruments

tên linh kiện TCA8418EYFPR.B
Giải thích chi tiết về linh kiện  TCA8418E I2C Controlled Keypad Scan IC With Integrated ESD Protection
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

TCA8418EYFPR.B bảng dữ liệu(HTML) 32 Page - Texas Instruments

Back Button TCA8418EYFPR.B Datasheet HTML 28Page - Texas Instruments TCA8418EYFPR.B Datasheet HTML 29Page - Texas Instruments TCA8418EYFPR.B Datasheet HTML 30Page - Texas Instruments TCA8418EYFPR.B Datasheet HTML 31Page - Texas Instruments TCA8418EYFPR.B Datasheet HTML 32Page - Texas Instruments TCA8418EYFPR.B Datasheet HTML 33Page - Texas Instruments TCA8418EYFPR.B Datasheet HTML 34Page - Texas Instruments TCA8418EYFPR.B Datasheet HTML 35Page - Texas Instruments TCA8418EYFPR.B Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 51 page
background image
TCA8418E
SCPS222C – MAY 2010 – REVISED OCTOBER 2015
www.ti.com
8.6.2.6 Unlock1 and Unlock2 Registers, UNLOCK1/2 (Address 0x0F-0x10)
Table 15. Unlock1 and Unlock2 Register Field Descriptions
BIT
ADDRESS
REGISTER NAME
REGISTER DESCRIPTION
7
6
5
4
3
2
1
0
0x0F
Unlock1
Unlock key 1
UK1_7 UK1_6 UK1_5 UK1_4 UK1_3 UK1_2 UK1_1 UK1_0
0x10
Unlock2
Unlock key 2
UK2_7 UK2_6 UK2_5 UK2_4 UK2_3 UK2_2 UK2_1 UK2_0
UK1[6:0] contains the key number used to unlock key 1
UK2[6:0] contains the key number used to unlock key 2
A ‘0’ in either register will disable the keylock function.
8.6.2.7 GPIO Interrupt Status Registers, GPIO_INT_STAT1–3 (Address 0x11–0x13)
These registers are used to check GPIO interrupt status. If the GPI_INT bit is set in INT_STAT register, then the
GPI which set that interrupt will be marked with a 1 in the corresponding table. To clear the GPI_INT bit, these
registers must all be 0x00. A read to the register will clear it.
Table 16. GPIO Interrupt Status Register Field Descriptions
BIT
ADDRESS
REGISTER NAME
REGISTER DESCRIPTION
7
6
5
4
3
2
1
0
0x11
GPIO_INT_STAT1
GPIO Interrupt Status 1
R7IS
R6IS
R5IS
R4IS
R3IS
R2IS
R1IS
R0IS
0x12
GPIO_INT_STAT2
GPIO Interrupt Status 2
C7IS
C6IS
C5IS
C4IS
C3IS
C2IS
C1IS
C0IS
0x13
GPIO_INT_STAT3
GPIO Interrupt Status 3
N/A
N/A
N/A
N/A
N/A
N/A
C9IS
C8IS
8.6.2.8 GPIO Data Status Registers, GPIO_DAT_STAT1–3 (Address 0x14–0x16)
These registers show the GPIO state when read for inputs and outputs. Read these twice to clear them.
Table 17. GPIO Data Status Register Field Descriptions
BIT
ADDRESS
REGISTER NAME
REGISTER DESCRIPTION
7
6
5
4
3
2
1
0
0x14
GPIO_DAT_STAT1
GPIO Data Status 1
R7DS
R6DS
R5DS
R4DS
R3DS
R2DS
R1DS
R0DS
0x15
GPIO_DAT_STAT2
GPIO Data Status 2
C7DS
C6DS
C5DS
C4DS
C3DS
C2DS
C1DS
C0DS
0x16
GPIO_DAT_STAT3
GPIO Data Status 3
N/A
N/A
N/A
N/A
N/A
N/A
C9DS
C8DS
8.6.2.9 GPIO Data Out Registers, GPIO_DAT_OUT1–3 (Address 0x17–0x19)
These registers contain GPIO data to be written to GPIO out driver; inputs are not affected. This sets the output
for the corresponding GPIO output.
Table 18. GPIO Data Out Register Field Descriptions
BIT
ADDRESS
REGISTER NAME
REGISTER DESCRIPTION
7
6
5
4
3
2
1
0
0x17
GPIO_DAT_OUT1
GPIO Data Out 1
R7DO
R6DO
R5DO
R4DO
R3DO
R2DO
R1DO
R0DO
0x18
GPIO_DAT_OUT2
GPIO Data Out 2
C7DO
C6DO
C5DO
C4DO
C3DO
C2DO
C1DO
C0DO
0x19
GPIO_DAT_OUT3
GPIO Data Out 3
N/A
N/A
N/A
N/A
N/A
N/A
C9DO
C8DO
8.6.2.10 GPIO Interrupt Enable Registers, GPIO_INT_EN1–3 (Address 0x1A–0x1C)
These registers enable interrupts (bit value 1) or disable interrupts (bit value '0') for general purpose inputs (GPI)
only. If the input changes on a pin which is setup as a GPI, then the GPI_INT bit will be set in the INT_STAT
register.
32
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: TCA8418E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com