công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TCA8418EYFPR.B bảng dữ liệu(PDF) 21 Page - Texas Instruments

tên linh kiện TCA8418EYFPR.B
Giải thích chi tiết về linh kiện  TCA8418E I2C Controlled Keypad Scan IC With Integrated ESD Protection
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

TCA8418EYFPR.B bảng dữ liệu(HTML) 21 Page - Texas Instruments

Back Button TCA8418EYFPR.B Datasheet HTML 17Page - Texas Instruments TCA8418EYFPR.B Datasheet HTML 18Page - Texas Instruments TCA8418EYFPR.B Datasheet HTML 19Page - Texas Instruments TCA8418EYFPR.B Datasheet HTML 20Page - Texas Instruments TCA8418EYFPR.B Datasheet HTML 21Page - Texas Instruments TCA8418EYFPR.B Datasheet HTML 22Page - Texas Instruments TCA8418EYFPR.B Datasheet HTML 23Page - Texas Instruments TCA8418EYFPR.B Datasheet HTML 24Page - Texas Instruments TCA8418EYFPR.B Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 51 page
background image
TCA8418E
www.ti.com
SCPS222C – MAY 2010 – REVISED OCTOBER 2015
Device Functional Modes (continued)
8.4.2.2 Active Key Scan Mode
When the TCA8418E is in idle key scan mode, the device awaits a key press. Once a key is pressed in the
array, a low signal on one of the ROW pin inputs triggers an interrupt, which will turn on the internal oscillator
and enter the active key scan mode. At this point, the TCA8418E will start the key scan algorithm to determine
which key is being pressed, and/or it will use the internal oscillator for debouncing. Once all keys have been
released, the device will enter idle key scan mode.
8.5 Programming
8.5.1 I2C Interface
The TCA8418E has a standard bidirectional I2C interface that is controlled by a master device in order to be
configured or read the status of this device. Each slave on the I2C bus has a specific device address to
differentiate between other slave devices that are on the same I2C bus. Many slave devices will require
configuration upon startup to set the behavior of the device. This is typically done when the master accesses
internal register maps of the slave, which have unique register addresses. A device can have one or multiple
registers where data is stored, written, or read.
The physical I2C interface consists of the serial clock (SCL) and serial data (SDA) lines. Both SDA and SCL lines
must be connected to VCC through a pullup resistor. The size of the pullup resistor is determined by the amount
of capacitance on the I2C lines. (For further details, refer to I2C pullup Resistor Calculation (SLVA689).) Data
transfer may be initiated only when the bus is idle. A bus is considered idle if both SDA and SCL lines are high
after a STOP condition.
The following is the general procedure for a master to access a slave device:
1. If a master wants to send data to a slave:
–
Master-transmitter sends a START condition and addresses the slave-receiver.
–
Master-transmitter sends data to slave-receiver.
–
Master-transmitter terminates the transfer with a STOP condition.
2. If a master wants to receive or read data from a slave:
–
Master-receiver sends a START condition and addresses the slave-transmitter.
–
Master-receiver sends the requested register to read to slave-transmitter.
–
Master-receiver receives data from the slave-transmitter.
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: TCA8418E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com