công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TCA8418EYFPR.B bảng dữ liệu(PDF) 2 Page - Texas Instruments

tên linh kiện TCA8418EYFPR.B
Giải thích chi tiết về linh kiện  TCA8418E I2C Controlled Keypad Scan IC With Integrated ESD Protection
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

TCA8418EYFPR.B bảng dữ liệu(HTML) 2 Page - Texas Instruments

  TCA8418EYFPR.B Datasheet HTML 1Page - Texas Instruments TCA8418EYFPR.B Datasheet HTML 2Page - Texas Instruments TCA8418EYFPR.B Datasheet HTML 3Page - Texas Instruments TCA8418EYFPR.B Datasheet HTML 4Page - Texas Instruments TCA8418EYFPR.B Datasheet HTML 5Page - Texas Instruments TCA8418EYFPR.B Datasheet HTML 6Page - Texas Instruments TCA8418EYFPR.B Datasheet HTML 7Page - Texas Instruments TCA8418EYFPR.B Datasheet HTML 8Page - Texas Instruments TCA8418EYFPR.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 51 page
background image
TCA8418E
SCPS222C – MAY 2010 – REVISED OCTOBER 2015
www.ti.com
Table of Contents
8.1
Overview ................................................................. 15
1
Features .................................................................. 1
8.2
Functional Block Diagram ....................................... 15
2
Applications ........................................................... 1
8.3
Feature Description................................................. 15
3
Description ............................................................. 1
8.4
Device Functional Modes........................................ 20
4
Revision History..................................................... 2
8.5
Programming .......................................................... 21
5
Pin Configuration and Functions ......................... 3
8.6
Register Maps ........................................................ 25
6
Specifications......................................................... 4
9
Application and Implementation ........................ 36
6.1
Absolute Maximum Ratings ..................................... 4
9.1
Application Information............................................ 36
6.2
ESD Ratings ............................................................ 4
9.2
Typical Application .................................................. 38
6.3
Recommended Operating Conditions ....................... 4
10
Power Supply Recommendations ..................... 41
6.4
Thermal Information .................................................. 5
11
Layout................................................................... 43
6.5
Electrical Characteristics........................................... 5
11.1
Layout Guidelines ................................................. 43
6.6
I2C Interface Timing Requirements........................... 6
11.2
Layout Example .................................................... 43
6.7
Reset Timing Requirements for Standard Mode, Fast
Mode, Fast Mode Plus (FM+) I2C Bus....................... 7
12
Device and Documentation Support ................. 44
6.8
Switching Characteristics for Standard Mode, Fast
12.1
Community Resources.......................................... 44
Mode, Fast Mode Plus (FM+) I2C Bus....................... 7
12.2
Trademarks ........................................................... 44
6.9
Keypad Switching Characteristics for Standard Mode,
12.3
Electrostatic Discharge Caution ............................ 44
Fast Mode, Fast Mode Plus (FM+) I2C Bus............... 7
12.4
Glossary ................................................................ 44
6.10
Typical Characteristics ............................................ 8
13
Mechanical, Packaging, and Orderable
7
Parameter Measurement Information ................ 11
Information ........................................................... 44
8
Detailed Description ............................................ 15
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision B (September 2010) to Revision C
Page
•
Added Pin Configuration and Functions section, ESD Ratings table, Feature Description section, Device Functional
Modes, Application and Implementation section, Power Supply Recommendations section, Layout section, Device
and Documentation Support section, and Mechanical, Packaging, and Orderable Information section ............................... 1
Changes from Revision A (June 2010) to Revision B
Page
•
Replaced ±8-kV with ±15-kV Human Body Model High Voltage ESD (GPIO lines) .............................................................. 1
•
Replaced all TBD values ........................................................................................................................................................ 5
2
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: TCA8418E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com