công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TAS5342LDDVR bảng dữ liệu(PDF) 23 Page - Texas Instruments

tên linh kiện TAS5342LDDVR
Giải thích chi tiết về linh kiện  100 W STEREO DIGITAL AMPLIFIER POWER STAGE
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

TAS5342LDDVR bảng dữ liệu(HTML) 23 Page - Texas Instruments

Back Button TAS5342LDDVR Datasheet HTML 19Page - Texas Instruments TAS5342LDDVR Datasheet HTML 20Page - Texas Instruments TAS5342LDDVR Datasheet HTML 21Page - Texas Instruments TAS5342LDDVR Datasheet HTML 22Page - Texas Instruments TAS5342LDDVR Datasheet HTML 23Page - Texas Instruments TAS5342LDDVR Datasheet HTML 24Page - Texas Instruments TAS5342LDDVR Datasheet HTML 25Page - Texas Instruments TAS5342LDDVR Datasheet HTML 26Page - Texas Instruments TAS5342LDDVR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
www.ti.com
Overtemperature Protection
DEVICE RESET
Undervoltage Protection (UVP) and Power-On
TAS5342L
SLAS558 – OCTOBER 2007
PPSC detection is enabled in BTL and PBTL output
VDD or GVDD_X pin results in all half-bridge outputs
configurations, the detection is not performed in SE
immediately being set in the high-impedance (Hi-Z)
mode. To make sure not to trip the PPSC detection
state and SD being asserted low. The device
system it is recommended not to insert resistive load
automatically resumes operation when all supply
to GND_X or PVDD_X.
voltages have increased above the UVP threshold.
The
TAS5342L
has
a
two-level
Two reset pins are provided for independent control
temperature-protection
system
that
asserts
an
of half-bridges A/B and C/D. When RESET_AB is
active-low warning signal (OTW) when the device
asserted low, all four power-stage FETs in half--
junction temperature exceeds 125
°C (nominal) and, if
bridges A and B are forced into a high-impedance
the device junction temperature exceeds 155
°C
(Hi-Z) state. Likewise, asserting RESET_CD low
(nominal), the device is put into thermal shutdown,
forces all four power-stage FETs in half-bridges C
resulting in all half-bridge outputs being set in the
and D into a high-impedance state. Thus, both reset
high-impedance (Hi-Z) state and SD being asserted
pins are well suited for hard-muting the power stage if
low. OTE is latched in this case. To clear the OTE
needed.
latch, either RESET_AB or RESET_CD must be
In BTL modes, to accommodate bootstrap charging
asserted. Thereafter, the device resumes normal
prior to switching start, asserting the reset inputs low
operation.
enables weak pulldown of the half-bridge outputs. In
the SE mode, the weak pulldowns are not enabled,
and it is therefore recommended to ensure bootstrap
Reset (POR)
capacitor charging by providing a low pulse on the
The UVP and POR circuits of the TAS5342L fully
PWM inputs when reset is asserted high.
protect
the
device
in
any
power-up/down
and
Asserting either reset input low removes any fault
brownout situation. While powering up, the POR
information to be signalled on the SD output, i.e., SD
circuit resets the overload circuit (OLP) and ensures
is forced high.
that all circuits are fully operational when the
GVDD_X and VDD supply voltages reach stated in
A rising-edge transition on either reset input allows
the
Electrical
Characteristics
Table.
Although
the device to resume operation after an overload
GVDD_X and VDD are independently monitored, a
fault. To ensure thermal reliability, the rising edge of
supply voltage drop below the UVP threshold on any
reset must occur no sooner than 4ms after the falling
edge of SD.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Link(s): TAS5342L
Not Recommended for New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com