công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TAS5342LDDVR bảng dữ liệu(PDF) 20 Page - Texas Instruments

tên linh kiện TAS5342LDDVR
Giải thích chi tiết về linh kiện  100 W STEREO DIGITAL AMPLIFIER POWER STAGE
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

TAS5342LDDVR bảng dữ liệu(HTML) 20 Page - Texas Instruments

Back Button TAS5342LDDVR Datasheet HTML 16Page - Texas Instruments TAS5342LDDVR Datasheet HTML 17Page - Texas Instruments TAS5342LDDVR Datasheet HTML 18Page - Texas Instruments TAS5342LDDVR Datasheet HTML 19Page - Texas Instruments TAS5342LDDVR Datasheet HTML 20Page - Texas Instruments TAS5342LDDVR Datasheet HTML 21Page - Texas Instruments TAS5342LDDVR Datasheet HTML 22Page - Texas Instruments TAS5342LDDVR Datasheet HTML 23Page - Texas Instruments TAS5342LDDVR Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
www.ti.com
THEORY OF OPERATION
POWER SUPPLIES
SYSTEM POWER-UP/POWER-DOWN
Powering Up
Powering Down
TAS5342L
SLAS558 – OCTOBER 2007
Special attention should be paid to the power-stage
power supply; this includes component selection,
PCB placement, and routing. As indicated, each
To facilitate system design, the TAS5342L needs only
half-bridge has independent power-stage supply pins
a 12-V supply in addition to the (typical) 32.0-V
(PVDD_X). For optimal electrical performance, EMI
power-stage supply. An internal voltage regulator
compliance, and system reliability, it is important that
provides suitable voltage levels for the digital and
each PVDD_X pin is decoupled with a 100-nF
low-voltage analog circuitry. Additionally, all circuitry
ceramic capacitor placed as close as possible to
requiring a floating voltage supply, e.g., the high-side
each supply pin. It is recommended to follow the PCB
gate drive, is accommodated by built-in bootstrap
layout of the TAS5342L reference design. For
circuitry requiring only an external capacitor for each
additional information on recommended power supply
half-bridge.
and
required
components,
see
the
application
In
order
to
provide
outstanding
electrical
and
diagrams given previously in this data sheet.
acoustical characteristics, the PWM signal path
The 12-V supply should be from a low-noise,
including gate drive and output stage is designed as
low-output-impedance voltage regulator. Likewise, the
identical, independent half-bridges. For this reason,
32.0 V power-stage supply is assumed to have low
each half-bridge has separate gate drive supply
output impedance and low noise. The power-supply
(GVDD_X), bootstrap pins (BST_X), and power-stage
sequence is not critical as facilitated by the internal
supply pins (PVDD_X). Furthermore, an additional pin
power-on-reset circuit. Moreover, the TAS5342L is
(VDD) is provided as supply for all common circuits.
fully protected against erroneous power-stage turnon
Although supplied from the same 12-V source, it is
due to parasitic gate charging. Thus, voltage-supply
highly
recommended
to
separate
GVDD_A,
ramp rates (dV/dt) are non-critical within the specified
GVDD_B, GVDD_C, GVDD_D, and VDD on the
range (see the Recommended Operating Conditions
printed-circuit
board
(PCB)
by
RC
filters
(see
section of this data sheet).
application diagram for details). These RC filters
provide the recommended high-frequency isolation.
Special attention should be paid to placing all
decoupling capacitors as close to their associated
SEQUENCE
pins as possible. In general, inductance between the
power supply pins and decoupling capacitors must be
avoided. (See reference board documentation for
The
TAS5342L
does
not
require
a
power-up
additional information.)
sequence. The outputs of the H-bridges remain in a
For a properly functioning bootstrap circuit, a small
high-impedance state until the gate-drive supply
ceramic capacitor must be connected from each
voltage (GVDD_X) and VDD voltage are above the
bootstrap pin (BST_X) to the power-stage output pin
undervoltage protection (UVP) voltage threshold (see
(OUT_X). When the power-stage output is low, the
the Electrical Characteristics section of this data
bootstrap capacitor is charged through an internal
sheet).
Although
not
specifically
required,
it
is
diode connected between the gate-drive power--
recommended to hold RESET_AB and RESET_CD in
supply pin (GVDD_X) and the bootstrap pin. When
a low state while powering up the device. This allows
the
power-stage
output
is
high,
the
bootstrap
an internal circuit to charge the external bootstrap
capacitor
potential
is
shifted
above
the
output
capacitors by enabling a weak pulldown of the
potential and thus provides a suitable voltage supply
half-bridge output.
for the high-side gate driver. In an application with
When the TAS5342L is being used with TI PWM
PWM switching frequencies in the range from 352
modulators
such
as
the
TAS5518,
no
special
kHz to 384 kHz, it is recommended to use 33-nF
attention to the state of RESET_AB and RESET_CD
ceramic capacitors, size 0603 or 0805, for the
is required, provided that the chipset is configured as
bootstrap supply. These 33-nF capacitors ensure
recommended.
sufficient energy storage, even during minimal PWM
duty cycles, to keep the high-side power stage FET
(LDMOS) fully turned on during the remaining part of
the PWM cycle. In an application running at a
The TAS5342L does not require a power-down
reduced switching frequency, generally 192 kHz, the
sequence. The device remains fully operational as
bootstrap capacitor might need to be increased in
long as the gate-drive supply (GVDD_X) voltage and
value.
VDD voltage are above the undervoltage protection
(UVP)
voltage
threshold
(see
the
Electrical
20
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TAS5342L
Not Recommended for New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com