công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS8320E/2K5 bảng dữ liệu(PDF) 7 Page - Texas Instruments

tên linh kiện ADS8320E/2K5
Giải thích chi tiết về linh kiện  ADS8320 16-Bit, High-Speed, 2.7-V to 5-V microPower Sampling Analog-to-Digital Converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

ADS8320E/2K5 bảng dữ liệu(HTML) 7 Page - Texas Instruments

Back Button ADS8320E/2K5 Datasheet HTML 3Page - Texas Instruments ADS8320E/2K5 Datasheet HTML 4Page - Texas Instruments ADS8320E/2K5 Datasheet HTML 5Page - Texas Instruments ADS8320E/2K5 Datasheet HTML 6Page - Texas Instruments ADS8320E/2K5 Datasheet HTML 7Page - Texas Instruments ADS8320E/2K5 Datasheet HTML 8Page - Texas Instruments ADS8320E/2K5 Datasheet HTML 9Page - Texas Instruments ADS8320E/2K5 Datasheet HTML 10Page - Texas Instruments ADS8320E/2K5 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
7
ADS8320
www.ti.com
SBAS108E – MAY 2000 – REVISED DECEMBER 2016
Product Folder Links: ADS8320
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
Electrical Characteristics: VCC = 2.7 V (continued)
at –40°C to 85°C, VREF = 5 V, –IN = GND, fSAMPLE = 100 kHz, and fCLK = 24 × fSAMPLE (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(2)
See Typical Characteristics for more information.
(3)
The maximum clock rate of the ADS8320 is less than 2.4 MHz in this power supply range.
(4)
fCLK = 2.4 MHz, CS = VCC for 216 clock cycles out of every 240.
(5)
See Power Dissipation for more information regarding lower sample rates.
SAMPLING DYNAMICS
Conversion time
16
Clock
Cycles
Acquisition time
4.5
Clock
Cycles
Throughput rate
100
kHz
Clock frequency
0.024
2.4
MHz
DYNAMIC CHARACTERISTICS
Total harmonic distortion
VIN = 2.7 VP-P at 1 kHz
ADS8320E
–86
dB
ADS8320EB
–88
SINAD
VIN = 2.7 VP-P at 1 kHz
ADS8320E
84
dB
ADS8320EB
86
Spurious-free dynamic
VIN = 2.7 VP-P at 1 kHz
ADS8320E
86
dB
ADS8320EB
88
SNR
ADS8320E
88
dB
ADS8320EB
90
REFERENCE INPUT
Voltage
0.5
VCC
V
Resistance
CS = GND, fSAMPLE = 0 Hz
5
GΩ
CS = VCC
5
Current drain
20
50
µA
CS = VCC
0.1
3
DIGITAL INPUT/OUTPUT
Logic Family
CMOS
Logic levels
VIH
IIH = 5 µA
2
VCC + 0.3
V
VIL
IIL = 5 µA
–0.3
0.8
VOH
IOH = –250 µA
2.1
VOL
IOL = 250 µA
0.4
Data format
Straight Binary
POWER SUPPLY REQUIREMENTS
VCC
Specified performance
2.7
3.3
V
VCC
(2)
2
5.25
V
See(3)
2
2.7
Quiescent current
650
1300
µA
fSAMPLE = 10 kHz
(4) (5)
100
Power dissipation
1.8
3.8
mW
Power down
CS = VCC
0.3
3
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com