công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS8320E/2K5 bảng dữ liệu(PDF) 26 Page - Texas Instruments

tên linh kiện ADS8320E/2K5
Giải thích chi tiết về linh kiện  ADS8320 16-Bit, High-Speed, 2.7-V to 5-V microPower Sampling Analog-to-Digital Converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

ADS8320E/2K5 bảng dữ liệu(HTML) 26 Page - Texas Instruments

Back Button ADS8320E/2K5 Datasheet HTML 22Page - Texas Instruments ADS8320E/2K5 Datasheet HTML 23Page - Texas Instruments ADS8320E/2K5 Datasheet HTML 24Page - Texas Instruments ADS8320E/2K5 Datasheet HTML 25Page - Texas Instruments ADS8320E/2K5 Datasheet HTML 26Page - Texas Instruments ADS8320E/2K5 Datasheet HTML 27Page - Texas Instruments ADS8320E/2K5 Datasheet HTML 28Page - Texas Instruments ADS8320E/2K5 Datasheet HTML 29Page - Texas Instruments ADS8320E/2K5 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 33 page
background image
1000
800
600
400
200
0.0
0.00
0.1
1
10
100
Sample Rate (kHz)
T
A = 25°C
V
CC = 5.0V
V
REF = 5.0V
f
CLK = 24‡ I SAMPLE
CS LOW (GND)
CS HIGH (V
CC)
0. 250
1000
100
10
1
0.1
1
10
100
Sample Rate (kHz)
TA = 25°C
VCC =5.0V
VREF =5.0V
fCLK = 24
‡ ISAMPLE
1000
100
10
1
0.1
1
10
100
Sample Rate (kHz)
V
CC = 5.0V
V
REF = 5. 0V
V
CC = 2.7V
V
REF = 2.5V
TA = 25°C
fCLK =2.4MHz
26
ADS8320
SBAS108E – MAY 2000 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: ADS8320
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
Power Dissipation (continued)
Figure 36. Maintaining fCLK at the Highest Possible Rate
Allows Supply Current to Drop Linearly With Sample Rate
Figure 37. Scaling fCLK Reduces Supply Current Only
Slightly With Sample Rate
There is an important distinction between the power-down mode that is entered after a conversion is complete
and the full power-down mode which is enabled when CS is HIGH. CS LOW shuts down only the analog section.
The digital section is completely shut down only when CS is HIGH. Thus, if CS is left LOW at the end of a
conversion and the converter is continually clocked, the power consumption is not as low as when CS is HIGH.
Figure 38 shows more information.
Power dissipation can also be reduced by lowering the power-supply voltage and the reference voltage. The
ADS8320 operates over a VCC range of 2 V to 5.25 V. However, at voltages below 2.7 V, the converter does not
run at a 100-kHz sample rate. See Typical Characteristics for more information regarding power supply voltage
and maximum sample rate.
Shutdown current with CS LOW varies with sample rate
Figure 38. Shutdown Current With CS HIGH is 50 nA (Typically, Regardless of the Clock)
10.3.1 Short Cycling
Another way of saving power is to use the CS signal to short cycle the conversion. Because the ADS8320 places
the latest data bit on the DOUT line as it is generated, the converter can easily be short cycled. This term means
that the conversion can be terminated at any time. For example, if only 14 bits of the conversion result are
required, then the conversion can be terminated (by pulling CS HIGH) after the 14th bit has been clocked out.
This technique can be used to lower the power dissipation (or to increase the conversion rate) in those
applications where an analog signal is being monitored until some condition becomes true. For example, if the
signal is outside a predetermined range, the full 16-bit conversion result may not be required. If so, the
conversion can be terminated after the first n bits, where n might be as low as 3 or 4. This results in lower power
dissipation in both the converter and the rest of the system, as they spend more time in the power-down mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com