công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS8320E/2K5 bảng dữ liệu(PDF) 13 Page - Texas Instruments

tên linh kiện ADS8320E/2K5
Giải thích chi tiết về linh kiện  ADS8320 16-Bit, High-Speed, 2.7-V to 5-V microPower Sampling Analog-to-Digital Converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

ADS8320E/2K5 bảng dữ liệu(HTML) 13 Page - Texas Instruments

Back Button ADS8320E/2K5 Datasheet HTML 9Page - Texas Instruments ADS8320E/2K5 Datasheet HTML 10Page - Texas Instruments ADS8320E/2K5 Datasheet HTML 11Page - Texas Instruments ADS8320E/2K5 Datasheet HTML 12Page - Texas Instruments ADS8320E/2K5 Datasheet HTML 13Page - Texas Instruments ADS8320E/2K5 Datasheet HTML 14Page - Texas Instruments ADS8320E/2K5 Datasheet HTML 15Page - Texas Instruments ADS8320E/2K5 Datasheet HTML 16Page - Texas Instruments ADS8320E/2K5 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
2
72
3
4864
4
Code
5
6
64
0
0
0
1
2
2510
3
2490
4
Code
5
6
0
0
0
0
1
13
ADS8320
www.ti.com
SBAS108E – MAY 2000 – REVISED DECEMBER 2016
Product Folder Links: ADS8320
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
Feature Description (continued)
SINAD = 6.02 × ENOB + 1.76
(1)
With lower reference voltages, extra care must be taken to provide a clean layout including adequate bypassing,
a clean power supply, a low-noise reference, and a low-noise input signal. Because the LSB size is lower, the
converter is also more sensitive to external sources of error such as nearby digital signals and electromagnetic
interference.
7.3.3 Noise
The noise floor of the ADS8320 itself is extremely low, as can be seen from Figure 20 and Figure 21, and is
much lower than competing A/D converters. It was tested by applying a low-noise DC input and a 5-V reference
to the ADS8320 and initiating 5000 conversions. The digital output of the A/D converter varies in output code due
to the internal noise of the ADS8320. This is true for all 16-bit SAR-type A/D converters. Using a histogram to
plot the output codes, the distribution must appear bell-shaped with the peak of the bell curve representing the
nominal code for the input value. The ±1σ, ±2σ, and ±3σ distributions represents the 68.3%, 95.5%, and 99.7%,
respectively, of all codes. The transition noise can be calculated by dividing the number of codes measured by 6
and this yields the ±3σ distribution or 99.7% of all codes. Statistically, up to 3 codes could fall outside the
distribution when executing 1000 conversions. The ADS8320, with < 3 output codes for the ±3σ distribution,
yields a <±0.5-LSB transition noise. Remember, to achieve this low-noise performance, the peak-to-peak noise
of the input signal and reference must be < 50 µV.
Figure 20. Histogram of 5000 Conversions of a DC Input at
the Code Transition
Figure 21. Histogram of 5000 Conversions of a DC Input at
the Code Center
7.3.4 Averaging
The noise of the A/D converter can be compensated by averaging the digital codes. By averaging conversion
results, transition noise is reduced by a factor of 1/
√n, where n is the number of averages. For example,
averaging four conversion results reduces the transition noise by 1/2 to ±0.25 LSBs. Averaging must only be
used for input signals with frequencies near DC.
For AC signals, a digital filter can be used to low-pass filter and decimate the output codes. This works in a
similar manner to averaging; for every decimation by 2, the signal-to-noise ratio improves 3 dB.
7.4 Device Functional Modes
7.4.1 Signal Levels
The digital inputs of the ADS8320 can accommodate logic levels up to 5.5 V regardless of the value of VCC.
Thus, the ADS8320 can be powered at 3 V and still accept inputs from logic powered at 5 V.
The CMOS digital output (DOUT) swings 0 V to VCC. If VCC is 3 V and this output is connected to a 5-V CMOS
logic input, then that IC may require more supply current than normal and may have a slightly longer propagation
delay.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com