công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS8320E/2K5 bảng dữ liệu(PDF) 2 Page - Texas Instruments

tên linh kiện ADS8320E/2K5
Giải thích chi tiết về linh kiện  ADS8320 16-Bit, High-Speed, 2.7-V to 5-V microPower Sampling Analog-to-Digital Converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

ADS8320E/2K5 bảng dữ liệu(HTML) 2 Page - Texas Instruments

  ADS8320E/2K5 Datasheet HTML 1Page - Texas Instruments ADS8320E/2K5 Datasheet HTML 2Page - Texas Instruments ADS8320E/2K5 Datasheet HTML 3Page - Texas Instruments ADS8320E/2K5 Datasheet HTML 4Page - Texas Instruments ADS8320E/2K5 Datasheet HTML 5Page - Texas Instruments ADS8320E/2K5 Datasheet HTML 6Page - Texas Instruments ADS8320E/2K5 Datasheet HTML 7Page - Texas Instruments ADS8320E/2K5 Datasheet HTML 8Page - Texas Instruments ADS8320E/2K5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
2
ADS8320
SBAS108E – MAY 2000 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: ADS8320
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 4
6.1
Absolute Maximum Ratings ...................................... 4
6.2
ESD Ratings.............................................................. 4
6.3
Recommended Operating Conditions ....................... 4
6.4
Thermal Information .................................................. 4
6.5
Electrical Characteristics: VCC = 5 V......................... 5
6.6
Electrical Characteristics: VCC = 2.7 V...................... 6
6.7
Typical Characteristics .............................................. 8
7
Detailed Description ............................................ 11
7.1
Overview ................................................................. 11
7.2
Functional Block Diagram ....................................... 12
7.3
Feature Description................................................. 12
7.4
Device Functional Modes........................................ 13
8
Application and Implementation ........................ 16
8.1
Application Information............................................ 16
8.2
Typical Applications ................................................ 16
9
Power Supply Recommendations ...................... 22
10
Layout................................................................... 22
10.1
Layout Guidelines ................................................. 22
10.2
Layout Example .................................................... 23
10.3
Power Dissipation ................................................. 23
11
Device and Documentation Support ................. 27
11.1
Documentation Support ........................................ 27
11.2
Receiving Notification of Documentation Updates 27
11.3
Community Resources.......................................... 27
11.4
Trademarks ........................................................... 27
11.5
Electrostatic Discharge Caution ............................ 27
11.6
Glossary ................................................................ 27
12
Mechanical, Packaging, and Orderable
Information ........................................................... 27
4 Revision History
Changes from Revision D (March 2007) to Revision E
Page
•
Added ESD Ratings table, Feature Description section, Device Functional Modes, Application and Implementation
section, Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section ................................................................................................. 1
•
Added Thermal Information table ........................................................................................................................................... 4
•
Changed Application Circuits section To: Typical Connection Diagram .............................................................................. 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com