công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S25FL128SDPNFAQ bảng dữ liệu(PDF) 139 Page - Cypress Semiconductor

tên linh kiện S25FL128SDPNFAQ
Giải thích chi tiết về linh kiện  128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte)
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYPRESS [Cypress Semiconductor]
Trang chủ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL128SDPNFAQ bảng dữ liệu(HTML) 139 Page - Cypress Semiconductor

Back Button S25FL128SDPNFAQ Datasheet HTML 135Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 136Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 137Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 138Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 139Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 140Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 141Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 142Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 143Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 149 page
background image
Document Number: 001-98283 Rev. *M
Page 138 of 148
S25FL128S/S25FL256S
Table 72. Configuration Register (CR1)
Bits
Field Name
Function
Type
Default
State
Description
7
LC1
Latency Code
Non-Volatile
0
Selects number of initial read latency cycles
See Latency Code Tables
6
LC0
0
5
TBPROT
Configures Start of Block
Protection
OTP
0
1 = BP starts at bottom (Low address)
0 = BP starts at top (High address)
4
RFU
RFU
OTP
0
Reserved for Future Use
3
BPNV
Configures BP2-0 in Sta-
tus Register
OTP
0
1 = Volatile
0 = Non-Volatile
2
TBPARM
Configures Parameter
Sectors location
OTP
0
1 = 4-kB physical sectors at top, (high address)
0 = 4-kB physical sectors at bottom (Low
address)
RFU in uniform sector devices.
1
QUAD
Puts the device into Quad
I/O operation
Non-Volatile
0
1 = Quad
0 = Dual or Serial
0
FREEZE
Lock current state of BP2-
0 bits in Status Register,
TBPROT and TBPARM in
Configuration Register,
and OTP regions
Volatile
0
1 = Block Protection and OTP locked
0 = Block Protection and OTP un-locked
Table 73. Status Register 2 (SR2)
Bits
Field Name
Function
Type
Default State
Description
7
RFU
Reserved
0
Reserved for Future Use
6
RFU
Reserved
0
Reserved for Future Use
5
RFU
Reserved
0
Reserved for Future Use
4
RFU
Reserved
0
Reserved for Future Use
3
RFU
Reserved
0
Reserved for Future Use
2
RFU
Reserved
0
Reserved for Future Use
1
ES
Erase Suspend Volatile, Read only
0
1 = In erase suspend mode.
0 = Not in erase suspend mode.
0
PS
Program Sus-
pend
Volatile, Read only
0
1 = In program suspend mode.
0 = Not in program suspend mode.
Table 74. Bank Address Register (BAR)
Bits
Field Name
Function
Type
Default State
Description
7
EXTADD
Extended Address
Enable
Volatile
0b
1 = 4-byte (32 bits) addressing required from command.
0 = 3-byte (24 bits) addressing from command + Bank
Address
6 to 2
RFU
Reserved
Volatile
00000b
Reserved for Future Use
1
BA25
Bank Address
Volatile
0
RFU for lower density devices
0
BA24
Bank Address
Volatile
0
A24 for 256-Mbit device, RFU for lower density device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com