| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
S25FL128SDPNFAQ bảng dữ liệu(PDF) 38 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
S25FL128SDPNFAQ bảng dữ liệu(HTML) 38 Page - Cypress Semiconductor |
|
38 / 149 page ![]() Document Number: 001-98283 Rev. *M Page 37 of 148 S25FL128S/S25FL256S 6. Physical Interface Note: Refer to Table 2, Signal List on page 8 for signal descriptions. 6.1 SOIC 16-Lead Package 6.1.1 SOIC 16 Connection Diagram Figure 38. 16-Lead SOIC Package, Top View Table 15. Model Specific Connections VIO / RFU Versatile I/O or RFU — Some device models bond this connector to the device I/O power supply, other models bond the device I/O supply to Vcc within the package leaving this package connector unconnected. RESET# / RFU RESET# or RFU — Some device models bond this connector to the device RESET# signal, other models bond the RESET# signal to Vcc within the package leaving this package connector unconnected. 1 2 3 4 16 15 14 13 HOLD#/IO3 VCC RESET#/RFU DNU NC VIO/RFU SI/IO0 SCK 5 6 7 8 12 11 10 9 WP#/IO2 VSS DNU DNU DNU RFU CS# SO/IO1 |