công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S25FL128SDPNFAQ bảng dữ liệu(PDF) 65 Page - Cypress Semiconductor

tên linh kiện S25FL128SDPNFAQ
Giải thích chi tiết về linh kiện  128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte)
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYPRESS [Cypress Semiconductor]
Trang chủ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL128SDPNFAQ bảng dữ liệu(HTML) 65 Page - Cypress Semiconductor

Back Button S25FL128SDPNFAQ Datasheet HTML 61Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 62Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 63Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 64Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 65Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 66Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 67Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 68Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 69Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 149 page
background image
Document Number: 001-98283 Rev. *M
Page 64 of 148
S25FL128S/S25FL256S
9.
Commands
All communication between the host system and S25FL128S and S25FL256S memory devices is in the form of units called
commands.
All commands begin with an instruction that selects the type of information transfer or device operation to be performed. Commands
may also have an address, instruction modifier, latency period, data transfer to the memory, or data transfer from the memory. All
instruction, address, and data information is transferred serially between the host system and memory device.
All instructions are transferred from host to memory as a single bit serial sequence on the SI signal.
Single bit wide commands may provide an address or data sent only on the SI signal. Data may be sent back to the host serially on
SO signal.
Dual or Quad Output commands provide an address sent to the memory only on the SI signal. Data will be returned to the host as a
sequence of bit pairs on IO0 and IO1 or four bit (nibble) groups on IO0, IO1, IO2, and IO3.
Dual or Quad Input/Output (I/O) commands provide an address sent from the host as bit pairs on IO0 and IO1 or, four bit (nibble)
groups on IO0, IO1, IO2, and IO3. Data is returned to the host similarly as bit pairs on IO0 and IO1 or, four bit (nibble) groups on IO0,
IO1, IO2, and IO3.
Commands are structured as follows:
Each command begins with an eight bit (byte) instruction.
The instruction may be stand alone or may be followed by address bits to select a location within one of several address spaces
in the device. The address may be either a 24-bit or 32-bit byte boundary address.
The Serial Peripheral Interface with Multiple IO provides the option for each transfer of address and data information to be done
one, two, or four bits in parallel. This enables a trade off between the number of signal connections (IO bus width) and the speed
of information transfer. If the host system can support a two or four bit wide IO bus the memory performance can be increased by
using the instructions that provide parallel two bit (dual) or parallel four bit (quad) transfers.
The width of all transfers following the instruction are determined by the instruction sent.
All single bits or parallel bit groups are transferred in most to least significant bit order.
Some instructions send instruction modifier (mode) bits following the address to indicate that the next command will be of the
same type with an implied, rather than an explicit, instruction. The next command thus does not provide an instruction byte, only
a new address and mode bits. This reduces the time needed to send each command when the same command type is repeated
in a sequence of commands.
The address or mode bits may be followed by write data to be stored in the memory device or by a read latency period before
read data is returned to the host.
Read latency may be zero to several SCK cycles (also referred to as dummy cycles).
All instruction, address, mode, and data information is transferred in byte granularity. Addresses are shifted into the device with
the most significant byte first. All data is transferred with the lowest address byte sent first. Following bytes of data are sent in
lowest to highest byte address order i.e. the byte address increments.
All attempts to read the flash memory array during a program, erase, or a write cycle (embedded operations) are ignored. The
embedded operation will continue to execute without any affect. A very limited set of commands are accepted during an
embedded operation. These are discussed in the individual command descriptions. While a program, erase, or write operation is
in progress, it is recommended to check that the Write-In Progress (WIP) bit is 0 before issuing most commands to the device, to
ensure the new command can be accepted.
Depending on the command, the time for execution varies. A command to read status information from an executing command is
available to determine when the command completes execution and whether the command was successful.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com