công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S25FL128SDPNFAQ bảng dữ liệu(PDF) 73 Page - Cypress Semiconductor

tên linh kiện S25FL128SDPNFAQ
Giải thích chi tiết về linh kiện  128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte)
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYPRESS [Cypress Semiconductor]
Trang chủ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL128SDPNFAQ bảng dữ liệu(HTML) 73 Page - Cypress Semiconductor

Back Button S25FL128SDPNFAQ Datasheet HTML 69Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 70Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 71Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 72Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 73Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 74Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 75Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 76Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 77Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 149 page
background image
Document Number: 001-98283 Rev. *M
Page 72 of 148
S25FL128S/S25FL256S
9.2.2
Read Identification (RDID 9Fh)
The Read Identification (RDID) command provides read access to manufacturer identification, device identification, and Common
Flash Interface (CFI) information. The manufacturer identification is assigned by JEDEC. The CFI structure is defined by JEDEC
standard. The device identification and CFI values are assigned by Cypress.
The JEDEC Common Flash Interface (CFI) specification defines a device information structure, which allows a vendor-specified
software flash management program (driver) to be used for entire families of flash devices. Software support can then be device-
independent, JEDEC manufacturer ID independent, forward and backward-compatible for the specified flash device families.
System vendors can standardize their flash drivers for long-term software compatibility by using the CFI values to configure a family
driver from the CFI information of the device in use.
Any RDID command issued while a program, erase, or write cycle is in progress is ignored and has no effect on execution of the
program, erase, or write cycle that is in progress.
The RDID instruction is shifted on SI. After the last bit of the RDID instruction is shifted into the device, a byte of manufacturer
identification, two bytes of device identification, extended device identification, and CFI information will be shifted sequentially out on
SO. As a whole this information is referred to as ID-CFI. See Section 7.3 ID-CFI Address Space on page 46 for the detail description
of the ID-CFI contents.
Continued shifting of output beyond the end of the defined ID-CFI address space will provide undefined data. The RDID command
sequence is terminated by driving CS# to the logic high state anytime during data output.
The maximum clock frequency for the RDID command is 133 MHz.
Figure 9.1 Read Identification (RDID) Command Sequence
9.2.3
Read Electronic Signature (RES) (ABh)
The RES command is used to read a single byte Electronic Signature from SO. RES is only supported for backward compatibility
and should not be used for new software designs. New software designs should instead make use of the RDID command.
The RES instruction is shifted in followed by three dummy bytes onto SI. After the last bit of the three dummy bytes are shifted into
the device, a byte of Electronic Signature will be shifted out of SO. Each bit is shifted out by the falling edge of SCK. The maximum
clock frequency for the RES command is 50 MHz.
The Electronic Signature can be read repeatedly by applying multiples of eight clock cycles.
The RES command sequence is terminated by driving CS# to the logic high state anytime during data output.
Table 46. Read_ID Values
Device
Manufacturer ID (hex)
Device ID (hex)
S25FL128S
01
17
S25FL256S
01
18
646
1
3
210
9
8
7
6
5
4
0
31
30
29
28
Instruction
1
645
652
34
33
32
655
654
653
SCK
SI
SO
High Impedance
Extended Device Information
CS#
0
1
2
20
21
22
23
24
25
26
644
647
Manufacturer / Device Identification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com