công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S25FL128SDPNFAQ bảng dữ liệu(PDF) 30 Page - Cypress Semiconductor

tên linh kiện S25FL128SDPNFAQ
Giải thích chi tiết về linh kiện  128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte)
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYPRESS [Cypress Semiconductor]
Trang chủ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL128SDPNFAQ bảng dữ liệu(HTML) 30 Page - Cypress Semiconductor

Back Button S25FL128SDPNFAQ Datasheet HTML 26Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 27Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 28Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 29Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 30Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 31Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 32Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 33Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 34Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 149 page
background image
Document Number: 001-98283 Rev. *M
Page 29 of 148
S25FL128S/S25FL256S
5.2.1
Capacitance Characteristics
Note:
1. For more information on capacitance, please consult the IBIS models.
5.3
Reset
5.3.1
Power-On (Cold) Reset
The device executes a Power-On Reset (POR) process until a time delay of tPU has elapsed after the moment that VCC rises above
the minimum VCC threshold. See Figure 21 on page 25, Table 6 on page 25, and Table 11 on page 30. The device must not be
selected (CS# to go high with VIO) during power-up (tPU), i.e. no commands may be sent to the device until the end of tPU. RESET#
is ignored during POR. If RESET# is low during POR and remains low through and beyond the end of tPU, CS# must remain high
until tRH after RESET# returns high. RESET# must return high for greater than tRS before returning low to initiate a hardware reset.
Figure 26. Reset Low at the End of POR
Figure 27. Reset High at the End of POR
Figure 28. POR followed by Hardware Reset
Table 10. Capacitance
Parameter
Test Conditions
Min
Max
Unit
CIN
Input Capacitance (applies to SCK, CS#, RESET#)
1 MHz
8
pF
COUT
Output Capacitance (applies to All I/O)
1 MHz
8
pF
VCC
VIO
RESET#
CS#
If RESET# is low at tPU end
CS# must be high at tPU end
tPU
tRH
VCC
VIO
RESET#
CS#
If RESET# is high at tPU end
CS# may stay high or go low at tPU end
tPU
tPU
VCC
VIO
RESET#
CS#
tRS
tPU
tPU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com