công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S25FL128SDPNFAQ bảng dữ liệu(PDF) 134 Page - Cypress Semiconductor

tên linh kiện S25FL128SDPNFAQ
Giải thích chi tiết về linh kiện  128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte)
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYPRESS [Cypress Semiconductor]
Trang chủ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL128SDPNFAQ bảng dữ liệu(HTML) 134 Page - Cypress Semiconductor

Back Button S25FL128SDPNFAQ Datasheet HTML 130Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 131Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 132Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 133Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 134Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 135Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 136Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 137Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 138Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 149 page
background image
Document Number: 001-98283 Rev. *M
Page 133 of 148
S25FL128S/S25FL256S
1Dh
01h
Latency Code for this row (01b)
1Eh
00h
Read Fast DDR mode cycles
1Fh
06h
Read Fast DDR latency cycles
20h
00h
DDR Dual I/O Read mode cycles
21h
07h
DDR Dual I/O Read latency cycles
22h
01h
Read DDR Quad I/O mode cycles
23h
07h
Read DDR Quad I/O latency cycles
24h
42h
Start of row 5, SCK frequency limit for this row (66 MHz)
25h
02h
Latency Code for this row (10b)
26h
00h
Read Fast DDR mode cycles
27h
07h
Read Fast DDR latency cycles
28h
00h
DDR Dual I/O Read mode cycles
29h
08h
DDR Dual I/O Read latency cycles
2Ah
01h
Read DDR Quad I/O mode cycles
2Bh
08h
Read DDR Quad I/O latency cycles
Table 68. CFI Alternate Vendor-Specific Extended Query Parameter 90h - EHPLC (SDR)
Parameter Relative
Byte Address Offset
Data
Description
00h
90h
Parameter ID (Latency Code Table)
01h
56h
Parameter Length (The number of following bytes in this parameter. Adding this value to the
current location value +1 = the first byte of the next parameter)
02h
06h
Number of rows
03h
0Eh
Row length in bytes
04h
46h
Start of header (row 1), ASCII “F” for frequency column header
05h
43h
ASCII “C” for Code column header
06h
03h
Read 3-byte address instruction
07h
13h
Read 4-byte address instruction
08h
0Bh
Read Fast 3-byte address instruction
09h
0Ch
Read Fast 4-byte address instruction
0Ah
3Bh
Read Dual Out 3-byte address instruction
0Bh
3Ch
Read Dual Out 4-byte address instruction
0Ch
6Bh
Read Quad Out 3-byte address instruction
0Dh
6Ch
Read Quad Out 4-byte address instruction
0Eh
BBh
Dual I/O Read 3-byte address instruction
0Fh
BCh
Dual I/O Read 4-byte address instruction
10h
EBh
Quad I/O Read 3-byte address instruction
11h
ECh
Quad I/O Read 4-byte address instruction
12h
32h
Start of row 2, SCK frequency limit for this row (50 MHz)
13h
03h
Latency Code for this row (11b)
14h
00h
Read mode cycles
15h
00h
Read latency cycles
Table 67. CFI Alternate Vendor-Specific Extended Query Parameter 9Ah - HPLC DDR (Continued)
Parameter Relative
Byte Address
Offset
Data
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com