công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S25FL128SDPNFAQ bảng dữ liệu(PDF) 115 Page - Cypress Semiconductor

tên linh kiện S25FL128SDPNFAQ
Giải thích chi tiết về linh kiện  128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte)
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYPRESS [Cypress Semiconductor]
Trang chủ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL128SDPNFAQ bảng dữ liệu(HTML) 115 Page - Cypress Semiconductor

Back Button S25FL128SDPNFAQ Datasheet HTML 111Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 112Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 113Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 114Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 115Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 116Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 117Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 118Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 119Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 149 page
background image
Document Number: 001-98283 Rev. *M
Page 114 of 148
S25FL128S/S25FL256S
9.8.4
DYB Write (DYBWR E1h)
Before the DYB Write (DYBWR) command can be accepted by the device, a Write Enable (WREN) command must be issued. After
the Write Enable (WREN) command has been decoded, the device will set the Write Enable Latch (WEL) in the Status Register to
enable any write operations.
The DYBWR command is entered by driving CS# to the logic low state, followed by the instruction, the 32-bit address selecting
location zero within the desired sector (note, the high order address bits not used by a particular density device must be zero), then
the data byte on SI. The DYB Access Register is one data byte in length.
The DYBWR command affects the P_ERR and WIP bits of the Status and Configuration Registers in the same manner as any other
programming operation. CS# must be driven to the logic high state after the eighth bit of data has been latched in. If not, the DYBWR
command is not executed. As soon as CS# is driven to the logic high state, the self-timed DYBWR operation is initiated. While the
DYBWR operation is in progress, the Status Register may be read to check the value of the Write-In Progress (WIP) bit. The Write-
In Progress (WIP) bit is a 1 during the self-timed DYBWR operation, and is a 0 when it is completed. When the DYBWR operation is
completed, the Write Enable Latch (WEL) is set to a 0.
Figure 79. DYBWR Command Sequence
9.8.5
PPB Read (PPBRD E2h)
The instruction E2h is shifted into SI by the rising edges of the SCK signal, followed by the 32-bit address selecting location zero
within the desired sector (note, the high order address bits not used by a particular density device must be zero) Then the 8-bit PPB
access register contents are shifted out on SO.
It is possible to read the same PPB access register continuously by providing multiples of eight clock cycles. The address of the PPB
register does not increment so this is not a means to read the entire PPB array. Each location must be read with a separate PPB
Read command. The maximum operating clock frequency for the PPB Read command is 133 MHz.
Figure 80. PPBRD Command Sequence
13
210
9
8
7
6
5
4
039
38
37
36
Instruction
32-Bit
Address
31
29
30
1
32
0
44
43
42
41
40
47
46
45
1
32
0
76
5
4
Data Byte 1
SCK
SI
MSB
MSB
CS#
1
32
0
76
5
4
1
3
210
9
8
7
6
5
4
039
38
37
36
Instruction
32-Bit
Address
31
29
30
1
32
0
1
32
0
76
5
4
44
43
42
41
40
47
46
45
DATA OUT 1
SCK
SI
SO
MSB
High Impedance
CS#
765
4321
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com