công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCM1738E/2K.B bảng dữ liệu(PDF) 28 Page - Texas Instruments

tên linh kiện PCM1738E/2K.B
Giải thích chi tiết về linh kiện  24-Bit, 192-kHz Sampling, Advanced Segment, Audio-Stereo Digital-to-Analog Converter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1738E/2K.B bảng dữ liệu(HTML) 28 Page - Texas Instruments

Back Button PCM1738E/2K.B Datasheet HTML 24Page - Texas Instruments PCM1738E/2K.B Datasheet HTML 25Page - Texas Instruments PCM1738E/2K.B Datasheet HTML 26Page - Texas Instruments PCM1738E/2K.B Datasheet HTML 27Page - Texas Instruments PCM1738E/2K.B Datasheet HTML 28Page - Texas Instruments PCM1738E/2K.B Datasheet HTML 29Page - Texas Instruments PCM1738E/2K.B Datasheet HTML 30Page - Texas Instruments PCM1738E/2K.B Datasheet HTML 31Page - Texas Instruments PCM1738E/2K.B Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 47 page
background image
www.ti.com
PCM1738
SBAS174C – FEBRUARY 2002 – REVISED FEBRUARY 2007
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
REGISTER 20
W/R
0
0
1
0
1
0
0
RSV
SRST
MRST
DFTH
MONO
CHSL
OS1
OS0
W/R
Read/Write Mode Control
When W/R = 0, a write operation is performed.
When W/R = 1, a read operation is performed.
Default value: 0
SRST
System Reset Control
This bit is read/write.
Default value: 0
SRST = 0 Normal operation (default)
SRST = 1 System reset operation
The SRST bit is used to reset the PCM1738 to the initial system condition.
MRST
Mode Control Register Reset Control
This bit is read/write.
Default value: 0
MRST = 0
Normal operation (default)
MRST = 1
Mode control register reset operation
The MRST bit is used to set the mode control registers to their default conditions.
DFTH
Digital Filter Bypass (or Through-Mode) Control
This bit is read/write.
Default value: 0
DFTH = 0
Digital filter enabled (default)
DFTH = 1
Digital filter bypassed for either external-digital-filter mode or DSD mode
The DFTH bit is used to enable or bypass the internal digital filter. This function is used when using
the external-digital-filter interface or the DSD-mode interface.
MONO
Monaural Mode Selection
This bit is read/write.
Default value: 0
MONO = 0 Stereo mode (default)
MONO = 1 Monaural mode
The MONO function is used to change the operation mode from normal stereo mode to monaural
mode. When the monaural mode is selected, both DACs operate in balanced mode for the selected
audio input data. Left- and right-channel data selection is set by the CHSL bit, described as follows.
28
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com