công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SMBP2501BPB bảng dữ liệu(PDF) 35 Page - SONiX Technology Company

tên linh kiện SMBP2501BPB
Giải thích chi tiết về linh kiện  8-Bit Micro-Controller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SONIX [SONiX Technology Company]
Trang chủ  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SMBP2501BPB bảng dữ liệu(HTML) 35 Page - SONiX Technology Company

Back Button SMBP2501BPB Datasheet HTML 31Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 32Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 33Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 34Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 35Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 36Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 37Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 38Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 39Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 107 page
background image
SN8P2501B
8-Bit Micro-Controller
SONiX TECHNOLOGY CO., LTD
Page 35
Version 2.1
2.3.3 STACK OPERATION EXAMPLE
The two kinds of Stack-Save operations refer to the stack pointer (STKP) and write the content of program counter (PC)
to the stack buffer are CALL instruction and interrupt service. Under each condition, the STKP decreases and points to
the next available stack location. The stack buffer stores the program counter about the op-code address. The
Stack-Save operation is as the following table.
Stack Level
STKP Register
Stack Buffer
Description
STKPB1
STKPB0
High Byte
Low Byte
0
1
1
Free
Free
-
1
1
0
STK0H
STK0L
-
2
0
1
STK1H
STK1L
-
3
0
0
STK2H
STK2L
-
4
1
1
STK3H
STK3L
-
> 4
1
0
-
-
Stack Over, error
There are Stack-Restore operations correspond to each push operation to restore the program counter (PC). The RETI
instruction uses for interrupt service routine. The RET instruction is for CALL instruction. When a pop operation occurs,
the STKP is incremented and points to the next free stack location. The stack buffer restores the last program counter
(PC) to the program counter registers. The Stack-Restore operation is as the following table.
Stack Level
STKP Register
Stack Buffer
Description
STKPB1
STKPB0
High Byte
Low Byte
4
1
1
STK3H
STK3L
-
3
0
0
STK2H
STK2L
-
2
0
1
STK1H
STK1L
-
1
1
0
STK0H
STK0L
-
0
1
1
Free
Free
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More