công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SMBP2501BPB bảng dữ liệu(PDF) 79 Page - SONiX Technology Company

tên linh kiện SMBP2501BPB
Giải thích chi tiết về linh kiện  8-Bit Micro-Controller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SONIX [SONiX Technology Company]
Trang chủ  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SMBP2501BPB bảng dữ liệu(HTML) 79 Page - SONiX Technology Company

Back Button SMBP2501BPB Datasheet HTML 75Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 76Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 77Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 78Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 79Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 80Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 81Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 82Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 83Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 107 page
background image
SN8P2501B
8-Bit Micro-Controller
SONiX TECHNOLOGY CO., LTD
Page 79
Version 2.1
8.2.4 T0 TIMER OPERATION SEQUENCE
T0 timer operation sequence of setup T0 timer is as following.
Stop T0 timer counting, disable T0 interrupt function and clear T0 interrupt request flag.
B0BCLR
FT0ENB
; T0 timer.
B0BCLR
FT0IEN
; T0 interrupt function is disabled.
B0BCLR
FT0IRQ
; T0 interrupt request flag is cleared.
Set T0 timer rate.
MOV
A, #0xxx0000b
;The T0 rate control bits exist in bit4~bit6 of T0M. The
; value is from x000xxxxb~x111xxxxb.
B0MOV
T0M,A
; T0 timer is disabled.
Set T0 clock source from Fcpu or RTC.
B0BCLR
FT0TB
; Select T0 Fcpu clock source.
Or
B0BSET
FT0TB
; Select T0 RTC clock source.
Set T0 interrupt interval time.
MOV
A,#7FH
B0MOV
T0C,A
; Set T0C value.
Set T0 timer function mode.
B0BSET
FT0IEN
; Enable T0 interrupt function.
Enable T0 timer.
B0BSET
FT0ENB
; Enable T0 timer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More