| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SMBP2501BPB bảng dữ liệu(PDF) 29 Page - SONiX Technology Company |
|
|
|||||||||||||||||||||||||||||
SMBP2501BPB bảng dữ liệu(HTML) 29 Page - SONiX Technology Company |
|
29 / 107 page ![]() SN8P2501B 8-Bit Micro-Controller SONiX TECHNOLOGY CO., LTD Page 29 Version 2.1 MULTI-ADDRESS JUMPING Users can jump around the multi-address by either JMP instruction or ADD M, A instruction (M = PCL) to activate multi-address jumping function. Program Counter supports “ADD M,A”, ”ADC M,A” and “B0ADD M,A” instructions for carry to PCH when PCL overflow automatically. For jump table or others applications, users can calculate PC value by the three instructions and don’t care PCL overflow problem. Note: PCH only support PC up counting result and doesn ’t support PC down counting. When PCL is carry after PCL+ACC, PCH adds one automatically. If PCL borrow after PCL –ACC, PCH keeps value and not change. Example: If PC = 0323H (PCH = 03H, PCL = 23H) ; PC = 0323H MOV A, #28H B0MOV PCL, A ; Jump to address 0328H … ; PC = 0328H MOV A, #00H B0MOV PCL, A ; Jump to address 0300H … Example: If PC = 0323H (PCH = 03H, PCL = 23H) ; PC = 0323H B0ADD PCL, A ; PCL = PCL + ACC, the PCH cannot be changed. JMP A0POINT ; If ACC = 0, jump to A0POINT JMP A1POINT ; ACC = 1, jump to A1POINT JMP A2POINT ; ACC = 2, jump to A2POINT JMP A3POINT ; ACC = 3, jump to A3POINT … … |