| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SMBP2501BPB bảng dữ liệu(PDF) 90 Page - SONiX Technology Company |
|
|
|||||||||||||||||||||||||||||
SMBP2501BPB bảng dữ liệu(HTML) 90 Page - SONiX Technology Company |
|
90 / 107 page ![]() SN8P2501B 8-Bit Micro-Controller SONiX TECHNOLOGY CO., LTD Page 90 Version 2.1 8.4.4 PWM PROGRAM EXAMPLE Example: Setup PWM0 output from TC0 to PWM0OUT (P5.4). The external high-speed oscillator clock is 4MHz. Fcpu = Fosc/4. The duty of PWM is 30/256. The PWM frequency is about 1KHz. The PWM clock source is from external oscillator clock. TC0 rate is Fcpu/4. The TC0RATE2~TC0RATE1 = 110. TC0C = TC0R = 30. MOV A,#01100000B B0MOV TC0M,A ; Set the TC0 rate to Fcpu/4 MOV A,#30 ; Set the PWM duty to 30/256 B0MOV TC0C,A B0MOV TC0R,A B0BCLR FTC0OUT ; Set duty range as 0/256~255/256. B0BCLR FALOAD0 B0BSET FPWM0OUT ; Enable PWM0 output to P5.4 and disable P5.4 I/O function B0BSET FTC0ENB ; Enable TC0 timer Note: The TC0R is write-only register. Don ’t process them using INCMS, DECMS instructions. Example: Modify TC0R registers ’ value. MOV A, #30H ; Input a number using B0MOV instruction. B0MOV TC0R, A INCMS BUF0 ; Get the new TC0R value from the BUF0 buffer defined by NOP ; programming. B0MOV A, BUF0 B0MOV TC0R, A Note: The PWM can work with interrupt request. |