công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

INA163UA/2K5 bảng dữ liệu(PDF) 1 Page - Texas Instruments

tên linh kiện INA163UA/2K5
Giải thích chi tiết về linh kiện  Low-Noise, Low-Distortion INSTRUMENTATION AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

INA163UA/2K5 bảng dữ liệu(HTML) 1 Page - Texas Instruments

  INA163UA/2K5 Datasheet HTML 1Page - Texas Instruments INA163UA/2K5 Datasheet HTML 2Page - Texas Instruments INA163UA/2K5 Datasheet HTML 3Page - Texas Instruments INA163UA/2K5 Datasheet HTML 4Page - Texas Instruments INA163UA/2K5 Datasheet HTML 5Page - Texas Instruments INA163UA/2K5 Datasheet HTML 6Page - Texas Instruments INA163UA/2K5 Datasheet HTML 7Page - Texas Instruments INA163UA/2K5 Datasheet HTML 8Page - Texas Instruments INA163UA/2K5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Low-Noise, Low-Distortion
INSTRUMENTATION AMPLIFIER
APPLICATIONS
q PROFESSIONAL MICROPHONE PREAMPS
q MOVING-COIL TRANSDUCER AMPLIFIERS
q DIFFERENTIAL RECEIVERS
q BRIDGE TRANSDUCER AMPLIFIERS
FEATURES
q LOW NOISE: 1nV/
√Hz at 1kHz
q LOW THD+N: 0.002% at 1kHz, G = 100
q WIDE BANDWIDTH: 800kHz at G = 100
q WIDE SUPPLY RANGE:
±4.5V to ±18V
q HIGH CMR: > 100dB
q GAIN SET WITH EXTERNAL RESISTOR
q SO-14 SURFACE-MOUNT PACKAGE
DESCRIPTION
The INA163 is a very low-noise, low-distortion, mon-
olithic instrumentation amplifier. Its current-feedback
circuitry achieves very wide bandwidth and excellent
dynamic response over a wide range of gain. It is ideal
for low-level audio signals such as balanced low-
impedance microphones. Many industrial, instrumen-
tation, and medical applications also benefit from its
low noise and wide bandwidth.
Unique distortion cancellation circuitry reduces distor-
tion to extremely low levels, even in high gain. The
INA163 provides near-theoretical noise performance
for 200
Ω source impedance. Its differential input, low
noise, and low distortion provide superior performance
in professional microphone amplifier applications.
The INA163’s wide supply voltage, excellent output
voltage swing, and high output current drive allow its
use in high-level audio stages as well.
The INA163 is available in a space-saving SO-14
surface-mount package, specified for operation over
the –40
°C to +85°C temperature range.
A1
A2
A3
6k
Ω
6k
Ω
Sense
8
9
10
14
11
6
4
3
12
5
6k
Ω
6k
Ω
V
IN
−
V
IN+
R
G
1
V
O2
V
O1
V+
V
−
INA163
G = 1 +
6000
R
G
3k
Ω
3k
Ω
V
O
Ref
INA163
SBOS177D – NOVEMBER 2000 – REVISED MAY 2005
www.ti.com
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 2000–2005, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.


Số phần tương tự - INA163UA/2K5

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
INA163UA/2K5 BURR-BROWN-INA163UA/2K5 Datasheet
250Kb / 11P
Low-Noise, Low-Distortion INSTRUMENTATION AMPLIFIER
INA163UA/2K5 BURR-BROWN-INA163UA/2K5 Datasheet
249Kb / 11P
Low-Noise, Low-Distortion INSTRUMENTATION AMPLIFIER
INA163UA/2K5E4 BURR-BROWN-INA163UA/2K5E4 Datasheet
249Kb / 11P
Low-Noise, Low-Distortion INSTRUMENTATION AMPLIFIER
More results

Mô tả tương tự - INA163UA/2K5

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
INA103 BURR-BROWN-INA103 Datasheet
297Kb / 12P
Low Noise, Low Distortion INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA166 TI-INA166 Datasheet
148Kb / 9P
Low-Noise, Low-Distortion, G = 2000 INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA163 BURR-BROWN-INA163 Datasheet
250Kb / 11P
Low-Noise, Low-Distortion INSTRUMENTATION AMPLIFIER
INA103 BURR-BROWN-INA103_07 Datasheet
282Kb / 14P
Low Noise, Low Distortion INSTRUMENTATION AMPLIFIER
INA163 BURR-BROWN-INA163_06 Datasheet
249Kb / 11P
Low-Noise, Low-Distortion INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA166 TI-INA166_06 Datasheet
147Kb / 9P
Low-Noise, Low-Distortion, G = 2000 INSTRUMENTATION AMPLIFIER
INA217 TI-INA217_07 Datasheet
342Kb / 11P
Low-Noise, Low-Distortion INSTRUMENTATION AMPLIFIER Replacement for SSM2017
INA103AG TI1-INA103AG Datasheet
785Kb / 17P
Low Noise, Low Distortion INSTRUMENTATION AMPLIFIER
INA217 TI1-INA217 Datasheet
966Kb / 25P
Low-Noise, Low-Distortion Instrumentation Amplifier Replacement
INA166 TI1-INA166_08 Datasheet
333Kb / 11P
Low-Noise, Low-Distortion, G = 2000 INSTRUMENTATION AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com