công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

INA163UA/2K5 bảng dữ liệu(PDF) 8 Page - Texas Instruments

tên linh kiện INA163UA/2K5
Giải thích chi tiết về linh kiện  Low-Noise, Low-Distortion INSTRUMENTATION AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

INA163UA/2K5 bảng dữ liệu(HTML) 8 Page - Texas Instruments

Back Button INA163UA/2K5 Datasheet HTML 4Page - Texas Instruments INA163UA/2K5 Datasheet HTML 5Page - Texas Instruments INA163UA/2K5 Datasheet HTML 6Page - Texas Instruments INA163UA/2K5 Datasheet HTML 7Page - Texas Instruments INA163UA/2K5 Datasheet HTML 8Page - Texas Instruments INA163UA/2K5 Datasheet HTML 9Page - Texas Instruments INA163UA/2K5 Datasheet HTML 10Page - Texas Instruments INA163UA/2K5 Datasheet HTML 11Page - Texas Instruments INA163UA/2K5 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
INA163
SBOS177D
8
www.ti.com
R
5
2.2k
R
6
(2)
5
R
7
(3)
1k
A
1
INA163
+
47 F
R
3
47k
R
2
6.8k
R
1
6.8k
Phantom Power
+48V
+
+
R
4
2.2k
C
1
(1)
47 F 60V
C
2
(1)
47 F 60V
A
2
OPA134
0.1 F
+15V
0.1 F
0.1 F
1M
V
O
15V
Optional DC
Output Control Loop
8
9
10
1
2
3
Female XLR
Connector
NOTES: (1) Use non-polar capacitors if phantom
power is to be turned off. (2) R
6 sets maximum gain.
(3) R
7 sets minimum gain.
1N4148
15V
1N4148
FIGURE 5. Phantom-Powered Microphone Preamplifier.
MICROPHONE AMPLIFIER
Figure 5 shows a typical circuit for a professional
microphone input amplifier. R1 and R2 provide a cur-
rent path for conventional 48V phantom power source
for a remotely located microphone. An optional switch
allows phantom power to be disabled. C1 and C2 block
the phantom power voltage from the INA163 input
circuitry. Non-polarized capacitors should be used for
C1 and C2 if phantom power is to be disabled. For
additional input protection against ESD and hot-plug-
ging, four INA4148 diodes may be connected from the
input to supply lines.
R4 and R5 provide a path for input bias current of the
INA163. Input offset current (typically 100nA) creates a
DC differential input voltage that will produce an output
offset voltage. This is generally the dominant source of
output offset voltage in this application. With a maxi-
mum gain of 1000 (60dB), the output offset voltage can
be several volts. This may be entirely acceptable if the
output is AC-coupled into the subsequent stage. An
alternate technique is shown in Figure 5. An inexpen-
sive FET-input op amp in a feedback loop drives the
DC output voltage to 0V. A2 is not in the audio signal
path and does not affect signal quality.
Gain is set with a variable resistor, R7, in series with
R6. R6 determines the maximum gain. The total resis-
tance, R6 + R7, determines the lowest gain. A special
reverse-log taper potentiometer for R7 can be used to
create a linear change (in dB) with rotation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com