công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

INA163UA/2K5 bảng dữ liệu(PDF) 6 Page - Texas Instruments

tên linh kiện INA163UA/2K5
Giải thích chi tiết về linh kiện  Low-Noise, Low-Distortion INSTRUMENTATION AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

INA163UA/2K5 bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button INA163UA/2K5 Datasheet HTML 2Page - Texas Instruments INA163UA/2K5 Datasheet HTML 3Page - Texas Instruments INA163UA/2K5 Datasheet HTML 4Page - Texas Instruments INA163UA/2K5 Datasheet HTML 5Page - Texas Instruments INA163UA/2K5 Datasheet HTML 6Page - Texas Instruments INA163UA/2K5 Datasheet HTML 7Page - Texas Instruments INA163UA/2K5 Datasheet HTML 8Page - Texas Instruments INA163UA/2K5 Datasheet HTML 9Page - Texas Instruments INA163UA/2K5 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
INA163
SBOS177D
6
www.ti.com
APPLICATIONS INFORMATION
Figure 1 shows the basic connections required for
operation. Power supplies should be bypassed with
0.1
µF tantalum capacitors near the device pins. The
output Sense (pin 8) and output Reference (pin 10)
should be low-impedance connections. Resistance of
a few ohms in series with these connections will
degrade the common-mode rejection of the INA163.
GAIN-SET RESISTOR
Gain is set with an external resistor, RG, as shown in
Figure 1. The two internal 3k
Ω feedback resistors are
laser-trimmed to 3k
Ω within approximately ±0.2%. Gain
is:
G
RG
=+
1
6000
The temperature coefficient of the internal 3k
Ω resis-
tors is approximately
±25ppm/°C. Accuracy and TCR
of the external RG will also contribute to gain error and
FIGURE 1. Basic Circuit Connections.
temperature drift. These effects can be inferred from
the gain equation. Make a short, direct connection to
the gain set resistor, RG. Avoid running output signals
near these sensitive input nodes.
NOISE PERFORMANCE
The INA163 provides very low-noise with low-source
impedance. Its 1nV/
√Hz voltage noise delivers near-
theoretical noise performance with a source imped-
ance of 200
Ω. The input stage design used to achieve
this low noise, results in relatively high input bias
current and input bias current noise. As a result, the
INA163 may not provide the best noise performance
with a source impedance greater than 10k
Ω. For source
impedance greater than 10k
Ω, other instrumentation
amplifiers may provide improved noise performance.
A1
A2
A3
6k
Ω
6k
Ω
Sense
8
9
10
14
6
111
4
3
12
5
6k
Ω
6k
Ω
V
IN
−
V
IN+
R
G
V+
V
−
V+
V
−
INA163
G = 1 +
6000
R
G
3k
Ω
3k
Ω
V
O
V
O
Sometimes Shown in
Simplified Form:
NOTE: (1) NC = No Connection.
Ref
0.1
µF
0.1
µF
R
G
INA163
GAIN
R
G
(V/V)
(dB)
(
Ω )
10
NC
(1)
2
6
6000
5
14
1500
10
20
667
20
26
316
50
34
122
100
40
61
200
46
30
500
54
12
1000
60
6
2000
66
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com