công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DSP56720 bảng dữ liệu(PDF) 6 Page - Freescale Semiconductor, Inc

tên linh kiện DSP56720
Giải thích chi tiết về linh kiện  SymphonyTM DSP56720 / DSP56721 Multi-Core Audio Processors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56720 bảng dữ liệu(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button DSP56720 Datasheet HTML 2Page - Freescale Semiconductor, Inc DSP56720 Datasheet HTML 3Page - Freescale Semiconductor, Inc DSP56720 Datasheet HTML 4Page - Freescale Semiconductor, Inc DSP56720 Datasheet HTML 5Page - Freescale Semiconductor, Inc DSP56720 Datasheet HTML 6Page - Freescale Semiconductor, Inc DSP56720 Datasheet HTML 7Page - Freescale Semiconductor, Inc DSP56720 Datasheet HTML 8Page - Freescale Semiconductor, Inc DSP56720 Datasheet HTML 9Page - Freescale Semiconductor, Inc DSP56720 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 54 page
background image
SymphonyTM DSP56720 / DSP56721 Multi-Core Audio Processors, Rev.1
Freescale Semiconductor
6
1.2
Pinout for DSP56721 80-Pin Plastic LQFP Package
For the pinout of the DSP56721 80-pin plastic LQFP package, see Figure 4.
Figure 4. DSP56721 80-Pin Package
60
WDT
59
PINIT/NMI
58
TDO
57
TDI
56
TCK
55
TMS
54
CORE_GND
53
CORE_VDD
52
SDO4/SDI1
51
SDO5/SDI0
50
IO_GND
49
IO_VDD
48
EXTAL
47
XTAL
46
PLLP_GND
45
PLLD_GND
44
PLLD_VDD
43
PLLA_GND
42
PLLA_VDD
41
PLLP_VDD
SDO2_3/SDI3_3
1
SDO3_3/SDI2_3
2
SDO4_3/SDI1_3
3
SDO5_3/SDI0_3
4
IO_VDD
5
IO_GND
6
CORE_VDD
7
CORE_GND
8
SPDIFIN1/SDO2_2/SDI3_2
9
SPDIFOUT1/SDO3_2/SDI2_2
10
SDO4_2/SDI1_2
11
SDO5_2/SDI0_2
12
FSR_3
13
SCKR_3
14
SCKT_3
15
GND
16
GND
17
GND
18
GND
19
GND
20
DSP56721
80-Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54