công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DSP56720 bảng dữ liệu(PDF) 48 Page - Freescale Semiconductor, Inc

tên linh kiện DSP56720
Giải thích chi tiết về linh kiện  SymphonyTM DSP56720 / DSP56721 Multi-Core Audio Processors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56720 bảng dữ liệu(HTML) 48 Page - Freescale Semiconductor, Inc

Back Button DSP56720 Datasheet HTML 44Page - Freescale Semiconductor, Inc DSP56720 Datasheet HTML 45Page - Freescale Semiconductor, Inc DSP56720 Datasheet HTML 46Page - Freescale Semiconductor, Inc DSP56720 Datasheet HTML 47Page - Freescale Semiconductor, Inc DSP56720 Datasheet HTML 48Page - Freescale Semiconductor, Inc DSP56720 Datasheet HTML 49Page - Freescale Semiconductor, Inc DSP56720 Datasheet HTML 50Page - Freescale Semiconductor, Inc DSP56720 Datasheet HTML 51Page - Freescale Semiconductor, Inc DSP56720 Datasheet HTML 52Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 54 page
background image
SymphonyTM DSP56720 / DSP56721 Multi-Core Audio Processors, Rev.1
Freescale Semiconductor
48
3
Functional Description and Application Information
See the DSP56720 Reference Manual (DSP56720RM) for detailed functional and applications information.
4
Hardware Design Considerations
For design considerations, also see Section 2.1.3, “Power Requirements.”
5
Ordering Information
Table 23 provides ordering information for both the DSP56720 and DSP56721.
6
Package Information
For the outline drawings of available device packages, see Table 24 and sections 6.1–6.2.
6.1
80-Pin Package Outline Drawing
For the 80-pin package outline drawings, see Figure 41 and Figure 42.
Table 23. Ordering Information
Product
ROM
Version
Package
Part Number
DSP56720
A
144-pin plastic LQFP
DSPA56720AG
B
144-pin plastic LQFP
DSPB56720AG
DSP56721
A
144-pin plastic LQFP
DSPA56721AG
B
144-pin plastic LQFP
DSPB56721AG
A
80-pin plastic LQFP
DSPA56721AF
B
80-pin plastic LQFP
DSPB56721AF
Table 24. Package Outline Drawings
Device
Package
See
DSP56720
144-pin plastic LQFP
Figure 43 on page 51 and
Figure 44 on page 52
DSP56721
80-pin plastic LQFP
Figure 41 on page 49 and
Figure 42 on page 50
144-pin plastic LQFP
Figure 43 on page 51 and
Figure 44 on page 52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54