| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FS32K112BFT0M bảng dữ liệu(PDF) 21 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
FS32K112BFT0M bảng dữ liệu(HTML) 21 Page - NXP Semiconductors |
|
21 / 85 page ![]() 1. All power numbers listed in this table are typical power numbers 2. Current numbers are quoted for a certain application code and may vary on user configuration and silicon process variation. 3. The power numbers are not strictly for the VLPS mode operation alone, but also includes power due to periodic wakeup. The power therefore includes wakeup plus VLPS mode activity. This leads to greater dependence of power numbers on application code. 4. The single LPSPI used is LPSPI1 in S32K14X devices but LPSPI0 in S32K11x devices. |