| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADF4382ABCCZ bảng dữ liệu(PDF) 3 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADF4382ABCCZ bảng dữ liệu(HTML) 3 Page - Analog Devices |
|
3 / 82 page ![]() Data Sheet ADF4382A TABLE OF CONTENTS analog.com Rev. A | 3 of 82 Added Figure 58............................................................................................................................................ 31 Change to Mute RF Output Section...............................................................................................................31 Changes to Power-Up and Initialization Sequence Section...........................................................................32 Changes to Standard Power-Up and Initialization Sequence, Automatic VCO Calibration Section.............. 33 Changes to Table 24 .....................................................................................................................................33 Added Fast Calibration Section..................................................................................................................... 33 Added VCAL_ZERO Section and Table 25....................................................................................................34 Added Loop Filter Layout Considerations Section.........................................................................................34 Added SYNC Input Network Section and Figure 66 to Figure 69.................................................................. 35 Changes to EZSync Method Section and Figure 71......................................................................................36 Changes to Timed Synchronization Method Section and Figure 72..............................................................37 Changes to Phase Resynchronization Section..............................................................................................39 Changes to Table 28......................................................................................................................................41 Changes to Register Details Section............................................................................................................. 46 Deleted Table 29; Renumbered Sequentially.................................................................................................46 Deleted Table 33............................................................................................................................................47 Added Table 88..............................................................................................................................................58 Deleted Table 92............................................................................................................................................59 Added Table 92 and Table 94........................................................................................................................ 59 Deleted Table 103..........................................................................................................................................61 Deleted Table 106..........................................................................................................................................61 Added Table 132 to Table 247....................................................................................................................... 65 12/2023—Revision 0: Initial Version |