| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
F39-LSGA bảng dữ liệu(PDF) 41 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
F39-LSGA bảng dữ liệu(HTML) 41 Page - Omron Electronics LLC |
|
41 / 109 page ![]() F3SG-SR/PG 41 Mounted with Adjustable Side-Mount Brackets (Intermediate Brackets) (F39-LSGA) Side Mounting 23.5 <Screw: M5 or M6> 38 50 10 46.7 32 2-M5 or M6 Adjustable Side-Mount Bracket (F39-LSGA) Adjustable Side-Mount Bracket (F39-LSGA) 2-M5 or M6 * The number of brackets required to mount each unit (emitter, receiver). Dimension C 4-digit number in model number (Protective height: ) Dimension D F3SG-SR-14 C-20 F3SG-SR-25 F3SG-SR-45 C-40 F3SG-SR-85 Dimension P F3SG-SR-14 10 F3SG-SR-25 20 F3SG-SR-45 40 F3SG-SR-85 80 Protectiveheight (Dimension C) Number of Adjustable Side-Mount Brackets * Dimension F 0160 to 0280 1 1000 mm max. 0320 to 1440 2 1000 mm max. 1520 to 2480 3 1000 mm max. |