| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
F39-LSGA bảng dữ liệu(PDF) 63 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
F39-LSGA bảng dữ liệu(HTML) 63 Page - Omron Electronics LLC |
|
63 / 109 page ![]() F3SG-SR/PG 63 • Assembly Dimensions 32 0.5 31 38 37 Material: PC resin (Transparent cover) PBT resin (Base) Lamp Lamp (F39-SGLP, sold separately) 0.8 29.2 L 3.2 3.2 L R12.6 R12.6 Tw o, 4.4-dia. Tw o, 6.2-dia. 40 40 Tw o, 4.4-dia. Tw o, 6.2-dia. Cable cover (removal) Cable cover (removal) Material: PBT resin (Sensor Mounting) PC resin (Cable cover) Hot rolled steel (Base) Aluminum alloy (Arm) Muting Sensor Arm Mounter Muting Sensor Arm Mounter (F39-FMA, sold separately) Model Dimension L F39-FMA150 158.2 F39-FMA400 408.2 |