| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
F39-LSGA bảng dữ liệu(PDF) 70 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
F39-LSGA bảng dữ liệu(HTML) 70 Page - Omron Electronics LLC |
|
70 / 109 page ![]() F3SG-SR/PG 70 • Assembly Dimensions (Mount-Column Adjustable Base /Mirror Column) F39-STB/F39-PML 90.8 72.8 Model Dimension L Dimension P Mirror Q'ty F39-PML0990-2 990 500 2 F39-PML1310-3 1310 400 3 F39-PML1310-4 300 4 F39-PML1630-4 1630 400 4 73 M12 IP67 connector, 5-wire M12 IP67 connector, 5-wire 4.5 44.7 500 127 27 27 27 30.5 M12 IP67 connector, 5-wire Insulated vinyl round cable, dia. 6.6, minimum bending radius R36, 8-wire (Cross section of conductor: 0.32 mm2/ insulator diameter: 1.2-mm dia.) 3-4.5 dia. M12 IP67 connector, 8-wire M12 IP67 connector, 8-wire Power supply LED (Green) Muting Sensor Connection Box F39-GCN5 |