| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
F39-LSGA bảng dữ liệu(PDF) 77 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
F39-LSGA bảng dữ liệu(HTML) 77 Page - Omron Electronics LLC |
|
77 / 109 page ![]() F3SG-SR-K 77 Hand protection (Detection capability: 25-mm dia.) Models and Response Times Models, Current Consumption and Weight Model Number of beams Protective height [mm] Response time (Optical synchronization) [ms] Response time (Wired synchronization) [ms] ON to OFF OFF (synchronized) to ON OFF (not synchronized) to ON ON to OFF OFF to ON F3SG-4SRB0320-25-K 16 320 8 40 140 10 50 F3SG-4SRB0400-25-K 20 400 8 40 140 10 50 F3SG-4SRB0480-25-K 24 480 8 40 140 10 50 F3SG-4SRB0560-25-K 28 560 8 40 140 10 50 F3SG-4SRB0640-25-K 32 640 8 40 140 10 50 F3SG-4SRB0720-25-K 36 720 8 40 140 10 50 F3SG-4SRB0800-25-K 40 800 8 40 140 10 50 F3SG-4SRB0880-25-K 44 880 13 65 165 17 85 F3SG-4SRB0960-25-K 48 960 13 65 165 17 85 F3SG-4SRB1000-25-K 50 1000 13 65 165 17 85 F3SG-4SRB1040-25-K 52 1040 13 65 165 17 85 F3SG-4SRB1120-25-K 56 1120 13 65 165 17 85 F3SG-4SRB1200-25-K 60 1200 13 65 165 17 85 F3SG-4SRB1280-25-K 64 1280 13 65 165 17 85 F3SG-4SRB1360-25-K 68 1360 13 65 165 17 85 F3SG-4SRB1440-25-K 72 1440 13 65 165 17 85 F3SG-4SRB1520-25-K 76 1520 13 65 165 17 85 F3SG-4SRB1600-25-K 80 1600 13 65 165 17 85 F3SG-4SRB1680-25-K 84 1680 13 65 165 17 85 F3SG-4SRB1760-25-K 88 1760 13 65 165 17 85 F3SG-4SRB1840-25-K 92 1840 13 65 165 17 85 Model Number of beams Protective height [mm] Current consumption [mA] Weight [kg] Emitter Receiver Net Gross F3SG-4SRB0320-25-K 16 320 65 97 5.2 6.7 F3SG-4SRB0400-25-K 20 400 66 98 5.5 7.0 F3SG-4SRB0480-25-K 24 480 68 99 5.8 7.4 F3SG-4SRB0560-25-K 28 560 70 99 6.1 7.7 F3SG-4SRB0640-25-K 32 640 72 100 6.4 8.1 F3SG-4SRB0720-25-K 36 720 74 101 6.7 8.5 F3SG-4SRB0800-25-K 40 800 76 101 7.0 8.8 F3SG-4SRB0880-25-K 44 880 78 102 7.3 9.2 F3SG-4SRB0960-25-K 48 960 80 102 7.6 9.6 F3SG-4SRB1000-25-K 50 1000 81 103 7.7 9.8 F3SG-4SRB1040-25-K 52 1040 82 103 7.9 9.9 F3SG-4SRB1120-25-K 56 1120 84 104 8.2 10.3 F3SG-4SRB1200-25-K 60 1200 86 104 8.5 10.6 F3SG-4SRB1280-25-K 64 1280 88 105 8.8 11.0 F3SG-4SRB1360-25-K 68 1360 90 106 9.1 11.4 F3SG-4SRB1440-25-K 72 1440 92 106 9.4 11.7 F3SG-4SRB1520-25-K 76 1520 93 107 9.7 12.1 F3SG-4SRB1600-25-K 80 1600 95 107 10.0 12.5 F3SG-4SRB1680-25-K 84 1680 97 108 10.3 12.8 F3SG-4SRB1760-25-K 88 1760 99 109 10.6 13.2 F3SG-4SRB1840-25-K 92 1840 101 109 10.9 13.5 |