công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EM78452WM bảng dữ liệu(PDF) 10 Page - ELAN Microelectronics Corp

tên linh kiện EM78452WM
Giải thích chi tiết về linh kiện  8-Bit Microcontroller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  EMC [ELAN Microelectronics Corp]
Trang chủ  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78452WM bảng dữ liệu(HTML) 10 Page - ELAN Microelectronics Corp

Back Button EM78452WM Datasheet HTML 6Page - ELAN Microelectronics Corp EM78452WM Datasheet HTML 7Page - ELAN Microelectronics Corp EM78452WM Datasheet HTML 8Page - ELAN Microelectronics Corp EM78452WM Datasheet HTML 9Page - ELAN Microelectronics Corp EM78452WM Datasheet HTML 10Page - ELAN Microelectronics Corp EM78452WM Datasheet HTML 11Page - ELAN Microelectronics Corp EM78452WM Datasheet HTML 12Page - ELAN Microelectronics Corp EM78452WM Datasheet HTML 13Page - ELAN Microelectronics Corp EM78452WM Datasheet HTML 14Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 54 page
background image
EM78452
8-Bit Microcontroller
6
•
Product Specification (V1.0) 10.18.2007
(This specification is subject to change without further notice)
5.1.4 R3 (Status Register)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
GP
PS1
PS0
T
P
Z
DC
C
Bit 7 (GP): General read/write bit.
Bits 6 ~ 5 (PS1 ~ PS0): Page select bits. PS0~PS1 are used to pre-select a program
memory page. When executing a "JMP", "CALL", or other instructions which
causes the program counter to be changed (e.g. MOV R2, A), PS0~PS1 are
loaded into the 11th and 12th bits of the program counter where it selects
one of the available program memory pages. Note that RET (RETL, RETI)
instruction does not change the PS0~PS1 bits. For this reason, the return
will always be to the page from where the subroutine was called, regardless
of the current settings of PS0~PS1 bits. PS1 bit is not used (read as "0") and
cannot be modified in EM78452.
PS1
PS0
Program Memory Page [Address]
0
0
Page 0 [000-3FF]
0
1
Page 1 [400-7FF]
1
0
Page 2 [800-BFF]
1
1
Page 3 [C00-FFF]
Bit 4 (T): Time-out bit. Set to “1” with the "SLEP" and the "WDTC" commands, or
during power up and reset to “0” with the WDT timeout.
Bit 3 (P): Power down bit. Set to “1” during power on or by a "WDTC" command and
reset to “0” by a "SLEP" command.
Bit 2 (Z): Zero flag. Set to "1" if the result of an arithmetic or logic operation is zero.
Bit 1 (DC): Auxiliary carry flag
Bit 0 (C): Carry flag
5.1.5 R4 (RAM Select Register)
Bits 7~6: determines which bank is activated among the 4 banks.
Bits 5~0: are used to select the registers (Address: 00~3F) in the indirect addressing
mode.
If indirect addressing is not used, the RSR is used as an 8-bit general-purpose
read/writer register.
See the data memory configuration in Fig. 5-3.
5.1.6 R5~R8 (Port 5 ~ Port 8)
Four general 8 bits I/O registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com