| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EM78452WM bảng dữ liệu(PDF) 32 Page - ELAN Microelectronics Corp |
|
|
|||||||||||||||||||||||||||||
EM78452WM bảng dữ liệu(HTML) 32 Page - ELAN Microelectronics Corp |
|
32 / 54 page ![]() EM78452 8-Bit Microcontroller 28 • Product Specification (V1.0) 10.18.2007 (This specification is subject to change without further notice) For Slaver ORG 0X0 INITI: JMP INIT ORG 0X2 INTERRUPT: MOV A,@0X55 MOV 0X06,A MOV A,@0B11100110 MOV 0X0D,A BS 0X0D,4 MOV A,@0X00 MOV 0X0B,A BS 0X0D,4 NOP JBC 0X0D,4 JMP $-2 BS 0X0D,4 BC 0X03,2 MOV A,0X0A MOV 0X06,A XOR A,@0XAA JBS 0X03,2 JMP SPI JMP $-6 ; Interrupt address ; Show a signal at Port 6 when entering ; interrupt ; Enable SPI, /SS disabled ; Keep SSE at 1 to wait for SCK signal in order to shift data ; Move 00 to write buffer in order to keep ; master’s read buffer as 00 ; Keep SSE at 1 to wait for SCK signal in ; order to shift data ; Polling loop for checking SPI ; transmission completed ; Keep SSE at 1 to wait for SCK signal in ; order to shift data ; Read master’s data from read buffer ; Check pass signal from read buffer |