| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ATSHA204A bảng dữ liệu(PDF) 74 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
ATSHA204A bảng dữ liệu(HTML) 74 Page - Microchip Technology |
|
74 / 93 page ![]() RECOMMENDED LAND PATTERN Microchip Technology Drawing C04-2057-M6B Rev B 8-Lead Plastic Small Outline - Narrow, 3.90 mm (.150 In.) Body [SOIC] BSC: Basic Dimension. Theoretically exact value shown without tolerances. Notes: Dimensioning and tolerancing per ASME Y14.5M 1. For the most current package drawings, please see the Microchip Packaging Specification located at http://www.microchip.com/packaging Note: © 2017 Microchip Technology Inc. R Dimension Limits Units C Contact Pad Spacing Contact Pitch MILLIMETERS 1.27 BSC MIN E MAX 5.40 Contact Pad Length (X8) Contact Pad Width (X8) Y1 X1 1.55 0.60 NOM E X1 C Y1 SILK SCREEN Atmel Legacy ATSHA204A Package Drawings © 2018 Microchip Technology Inc. DS40002025A-page 74 |