| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ATSHA204A bảng dữ liệu(PDF) 71 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
ATSHA204A bảng dữ liệu(HTML) 71 Page - Microchip Technology |
|
71 / 93 page ![]() RECOMMENDED LAND PATTERN Dimension Limits Units Optional Center Pad Width Optional Center Pad Length Contact Pitch Y2 X2 1.40 1.60 MILLIMETERS 0.50 BSC MIN E MAX Contact Pad Length (X8) Contact Pad Width (X8) Y1 X1 0.85 0.30 NOM 12 8 C Contact Pad Spacing 2.90 Contact Pad to Center Pad (X8) G1 0.20 Thermal Via Diameter V Thermal Via Pitch EV 0.30 1.00 BSC: Basic Dimension. Theoretically exact value shown without tolerances. Notes: Dimensioning and tolerancing per ASME Y14.5M For best soldering results, thermal vias, if used, should be filled or tented to avoid solder loss during reflow process 1. 2. For the most current package drawings, please see the Microchip Packaging Specification located at http://www.microchip.com/packaging Note: © 2017 Microchip Technology Inc. Microchip Technology Drawing C04-21355-Q4B Rev A 8-Lead Ultra Thin Plastic Dual Flat, No Lead Package (Q4B) - 2x3 mm Body [UDFN] Atmel Legacy YNZ Package X2 Y2 Y1 SILK SCREEN X1 E C EV G2 G1 ØV Contact Pad to Contact Pad (X6) G2 0.33 ATSHA204A Package Drawings © 2018 Microchip Technology Inc. DS40002025A-page 71 |