công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ATSHA204A bảng dữ liệu(PDF) 41 Page - Microchip Technology

tên linh kiện ATSHA204A
Giải thích chi tiết về linh kiện  ATSHA204A Microchip CryptoAuthentication Data Sheet
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATSHA204A bảng dữ liệu(HTML) 41 Page - Microchip Technology

Back Button ATSHA204A Datasheet HTML 37Page - Microchip Technology ATSHA204A Datasheet HTML 38Page - Microchip Technology ATSHA204A Datasheet HTML 39Page - Microchip Technology ATSHA204A Datasheet HTML 40Page - Microchip Technology ATSHA204A Datasheet HTML 41Page - Microchip Technology ATSHA204A Datasheet HTML 42Page - Microchip Technology ATSHA204A Datasheet HTML 43Page - Microchip Technology ATSHA204A Datasheet HTML 44Page - Microchip Technology ATSHA204A Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 93 page
background image
Table 7-6. VIL and VIH When TTLenable = 0 on All I/O Interfaces
Parameter
Symbol
Min
Typ
Max
Unit Notes
Input Low Voltage VIL
GND - 0.5
0.5
V
When device is active and TTLenable bit in
configuration memory is zero; otherwise, see
above.
Input High Voltage VIH
1.5
VCC + 0.5
V
When device is active and TTLenable bit in
configuration memory is zero; otherwise, see
above.
ATSHA204A
Electrical Characteristics
© 2018 Microchip Technology Inc.
DS40002025A-page 41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93