công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMP86CS25AFG bảng dữ liệu(PDF) 140 Page - Toshiba Semiconductor

tên linh kiện TMP86CS25AFG
Giải thích chi tiết về linh kiện  8 Bit Microcontroller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOSHIBA [Toshiba Semiconductor]
Trang chủ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS25AFG bảng dữ liệu(HTML) 140 Page - Toshiba Semiconductor

Back Button TMP86CS25AFG Datasheet HTML 136Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 137Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 138Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 139Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 140Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 141Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 142Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 143Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 144Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 194 page
background image
Page 130
11. Asynchronous Serial interface (UART )
11.9 Status Flag
TMP86CS25AFG
Figure 11-7 Generation of Overrun Error
Note:Receive operations are disabled until the overrun error flag UARTSR<OERR> is cleared.
11.9.4 Receive Data Buffer Full
Loading the received data in RDBUF sets receive data buffer full flag UARTSR<RBFL> to "1". The
UARTSR<RBFL> is cleared to “0” when the RDBUF is read after reading the UARTSR.
Figure 11-8 Generation of Receive Data Buffer Full
Note:If the overrun error flag UARTSR<OERR> is set during the period between reading the UARTSR and reading
the RDBUF, it cannot be cleared by only reading the RDBUF. Therefore, after reading the RDBUF, read the
UARTSR again to check whether or not the overrun error flag which should have been cleared still remains
set.
11.9.5 Transmit Data Buffer Empty
When no data is in the transmit buffer TDBUF, UARTSR<TBEP> is set to “1”, that is, when data in TDBUF
are transferred to the transmit shift register and data transmit starts, transmit data buffer empty flag
UARTSR<TBEP> is set to “1”. The UARTSR<TBEP> is cleared to “0” when the TDBUF is written after
reading the UARTSR.
Final bit
Stop
Shift register
xxxx0*
1xxxx0
yyyy
xxx0**
RXD pin
UARTSR<OERR>
INTRXD interrupt
After reading UARTSR then
RDBUF clears OERR.
RDBUF
UARTSR<RBFL>
Final bit
Stop
Shift register
xxxx0*
1xxxx0
xxxx
yyyy
xxx0**
RXD pin
UARTSR<RBFL>
INTRXD interrupt
RDBUF
After reading UARTSR then
RDBUF clears RBFL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com