| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMP86FS64FG bảng dữ liệu(PDF) 24 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP86FS64FG bảng dữ liệu(HTML) 24 Page - Toshiba Semiconductor |
|
24 / 252 page ![]() Page 12 2. Operational Descriptions 2.1 CPU Core Function TMP86FS64FG 2.1.2 Program Memory (Flash) TMP86FS64FG incorporates the 61440-byte (addresses from 1000H through FFFFH) program memory (Flash). 2.1.3 Data Memory (RAM) TMP86FS64FG incorporates the 2048-byte (addresses from 0040H through 083FH) RAM. Since the address space from 0040H through 00FFH within the on-chip RAM can be accessed directly, it can be accessed by instructions to shorten the processing time. Perform initial setting through an initialize routine since the contents of the data memory become don't cares at power-up. Example :Clearing RAM of TMP86FS64FG LD HL, 0040H : Sets the start address LD A, H : Sets the initialization data (00H) LD BC,07FFH : Sets the number of bytes (-1) SRAMCLR: LD (HL), A INC HL DEC BC JRS F, SRAMCLR |