công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMP86FS64FG bảng dữ liệu(PDF) 100 Page - Toshiba Semiconductor

tên linh kiện TMP86FS64FG
Giải thích chi tiết về linh kiện  8 Bit Microcontroller
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOSHIBA [Toshiba Semiconductor]
Trang chủ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS64FG bảng dữ liệu(HTML) 100 Page - Toshiba Semiconductor

Back Button TMP86FS64FG Datasheet HTML 96Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 97Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 98Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 99Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 100Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 101Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 102Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 103Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 104Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 252 page
background image
Page 88
8. 16-Bit TimerCounter 1 (TC1)
8.3 Function
TMP86FS64FG
8.3 Function
TimerCounter 1 has six types of operating modes: timer, external trigger timer, event counter, window, pulse width
measurement, programmable pulse generator output modes.
8.3.1 Timer mode
In the timer mode, the up-counter counts up using the internal clock. When a match between the up-counter and the timer
register 1A (TC1DRA) value is detected, an INTTC1 interrupt is generated and the up-counter is cleared. After being
cleared, the up-counter restarts counting. Setting TC1CR<ACAP1> to “1” captures the up-counter value into the timer reg-
ister 1B (TC1DRB) with the auto-capture function. Use the auto-capture function in the operative condition of TC1. A cap-
tured value may not be fixed if it's read after the execution of the timer stop or auto-capture disable. Read the capture value
in a capture enabled condition. Since the up-counter value is captured into TC1DRB by the source clock of up-counter after
setting TC1CR<ACAP1> to "1". Therefore, to read the captured value, wait at least one cycle of the internal source clock
before reading TC1DRB for the first time.
Note: Since the up-counter value is captured into TC1DRB by the source clock of up-counter after setting TC1CR<ACAP1> to "1".
Therefore, to read the captured value, wait at least one cycle of the internal source clock before reading TC1DRB for the first
time.
Table 8-1 Internal Source Clock for TimerCounter 1 (Example: fc
= 16 MHz, fs = 32.768 kHz)
TC1CK
NORMAL1/2, IDLE1/2 mode
SLOW, SLEEP mode
DV7CK = 0
DV7CK = 1
DV1CK = 0
DV1CK = 1
DV1CK = 0
DV1CK = 1
Resolution
[
µs]
Maximum
Time
Setting [s]
Resolution
[
µs]
Maximum
Time Set-
ting [s]
Resolution
[
µs]
Maximum
Time
Setting [s]
Resolution
[
µs]
Maximum
Time
Setting [s]
Resolution
[
µs]
Maximum
Time
Setting [s]
00
128
8.39
256
16.78
244.14
16.0
244.14
16.0
244.14
16.0
01
8.0
0.524
16
1.05
8.0
0.524
16.0
0.838
–
–
10
0.5
32.77 m
1
65.53 m
0.5
32.77 m
1.0
52.42 m
–
–
Example 1 :Setting the timer mode with source clock fc/211 [Hz] and generating an interrupt 1 second later
(fc
= 16 MHz, TBTCR<DV7CK> = “0”, CGCR<DV1CK> = “0”)
LDW
(TC1DRA), 1E84H
; Sets the timer register (1 s
÷ 211/fc = 1E84H)
DI
; IMF
= “0”
SET
(EIRH). 1
; Enables INTTC1
EI
; IMF
= “1”
LD
(TC1CR), 00000000B
; Selects the source clock and mode
LD
(TC1CR), 00010000B
; Starts TC1
Example 2 :Auto-capture
LD
(TC1CR), 01010000B
; ACAP1
← 1
:
:
LD
WA, (TC1DRB)
; Reads the capture value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com