| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMP86FS64FG bảng dữ liệu(PDF) 64 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP86FS64FG bảng dữ liệu(HTML) 64 Page - Toshiba Semiconductor |
|
64 / 252 page ![]() Page 52 4. Special Function Register (SFR) 4.1 SFR TMP86FS64FG Note 1: Do not access reserved areas by the program. Note 2: − ; Cannot be accessed. Note 3: Write-only registers and interrupt latches cannot use the read-modify-write instructions (Bit manipulation instructions such as SET, CLR, etc. and logical operation instructions such as AND, OR, etc.). 0026H ADCDR2 - 0027H ADCDR1 - 0028H - SIO1CR1 0029H SIO1SR SIO1CR2 002AH SCISEL 002BH Reserved 002CH P2PRD - 002DH P4OED 002EH P6CR 002FH P7CR 0030H CGCR 0031H - STOPCR 0032H TC1CR 0033H Reserved 0034H - WDTCR1 0035H - WDTCR2 0036H TBTCR 0037H EINTCR 0038H SYSCR1 0039H SYSCR2 003AH EIRL 003BH EIRH 003CH ILL 003DH ILH 003EH INTSEL 003FH PSW Address Read Write |