| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMP86FS64FG bảng dữ liệu(PDF) 233 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP86FS64FG bảng dữ liệu(HTML) 233 Page - Toshiba Semiconductor |
|
233 / 252 page ![]() Page 221 TMP86FS64FG Note 1: The SPCR register can be read or written only in the serial PROM mode. When the write instruction is executed to the SPCR register in the MCU mode, the port input control can not be performed. When the read instruction is executed for the SPCR register in the MCU mode, read data of bit7 to 1 are unstable. Note 2: All I/O ports except P45 and P44 ports are controlled by the SPCR register. Port Input Control Register SPCR (0FEAH) 76 54 32 10 PIN (Initial value: **** ***0) PIN Port input control in the serial PROM mode 0 : Invalid port inputs (The input level is fixed with a hardware feature.) 1 : Valid port inputs R/W |